Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16C765
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16C765 Datasheet HTML 1Page - Microchip Technology PIC16C765 Datasheet HTML 2Page - Microchip Technology PIC16C765 Datasheet HTML 3Page - Microchip Technology PIC16C765 Datasheet HTML 4Page - Microchip Technology PIC16C765 Datasheet HTML 5Page - Microchip Technology PIC16C765 Datasheet HTML 6Page - Microchip Technology PIC16C765 Datasheet HTML 7Page - Microchip Technology PIC16C765 Datasheet HTML 8Page - Microchip Technology PIC16C765 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
PIC16C745/765
DS41124A-page 2
Advanced Information
© 1999 Microchip Technology Inc.
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RA4/T0CKI
RA5/AN4
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
NC
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PIC16C765
44-Pin PLCC
NC
RC0/T1OSO/T1CKI
OSC2/CLKOUT
OSC1/CLKIN
VSS
VDD
RE2/CS/AN7
RE1/WR/AN6
RE0/RD/AN5
RA5/AN4
RA4/T0CKI
RC7/RX/DT
RD4/PSP4
RD5/PSP5
RD6/PSP6
RD7/PSP7
VSS
VDD
RB0/INT
RB1
RB2
RB3
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
PIC16C765
44-Pin TQFP
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RC6/TX/CK
D+
D-
RD3/PSP3
RD2/PSP2
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
RA5/AN4
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
VUSB
RD0/PSP0
RD1/PSP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40-Pin PDIP
Key Features
PICmicroTM Mid-Range Reference Manual
(DS33023)
PIC16C745
PIC16C765
Operating Frequency
6 MHz or 24 MHz
6 MHz or 24 MHz
Resets (and Delays)
POR, BOR (PWRT, OST)
POR, BOR (PWRT, OST)
Program Memory (14-bit words)
8K
8K
Data Memory (bytes)
256
256
Dual Port Ram
64
64
Interrupt Sources
11
12
I/O Ports
22 (Ports A, B, C)
33 (Ports A, B, C, D, E)
Timers
3
3
Capture/Compare/PWM modules
2
2
Analog-to-Digital Converter Module
5 channel x 8 bit
8 channel x 8 bit
Parallel Slave Port
—Yes
Serial Communication
USB, USART/SCI
USB, USART/SCI
Brown Out Detect Reset
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More