| Electronic Components Datasheet Search |
|
PIC16LC71 Datasheet(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71 Datasheet(HTML) 28 Page - Microchip Technology |
|
28 / 176 page ![]() PIC16C71X DS30272A-page 28 © 1997 Microchip Technology Inc. FIGURE 5-4: BLOCK DIAGRAM OF RB7:RB4 PINS (PIC16C71) Data Latch From other RBPU(2) P VDD I/O Q D CK Q D CK Q D EN Q D EN Data bus WR Port WR TRIS Set RBIF TRIS Latch RD TRIS RD Port RB7:RB4 pins weak pull-up RD Port Latch TTL Input Buffer pin(1) ST Buffer RB7:RB6 in serial programming mode Note 1: I/O pins have diode protection to VDD and VSS. 2: TRISB = ’1’ enables weak pull-up if RBPU = ’0’ (OPTION<7>). FIGURE 5-5: BLOCK DIAGRAM OF RB7:RB4 PINS (PIC16C710/711/715) Data Latch From other RBPU(2) P VDD I/O Q D CK Q D CK Q D EN Q D EN Data bus WR Port WR TRIS Set RBIF TRIS Latch RD TRIS RD Port RB7:RB4 pins weak pull-up RD Port Latch TTL Input Buffer pin(1) ST Buffer RB7:RB6 in serial programming mode Q3 Q1 Note 1: I/O pins have diode protection to VDD and VSS. 2: TRISB = ’1’ enables weak pull-up if RBPU = ’0’ (OPTION<7>). TABLE 5-3: PORTB FUNCTIONS Name Bit# Buffer Function RB0/INT bit0 TTL/ST(1) Input/output pin or external interrupt input. Internal software programmable weak pull-up. RB1 bit1 TTL Input/output pin. Internal software programmable weak pull-up. RB2 bit2 TTL Input/output pin. Internal software programmable weak pull-up. RB3 bit3 TTL Input/output pin. Internal software programmable weak pull-up. RB4 bit4 TTL Input/output pin (with interrupt on change). Internal software programmable weak pull-up. RB5 bit5 TTL Input/output pin (with interrupt on change). Internal software programmable weak pull-up. RB6 bit6 TTL/ST(2) Input/output pin (with interrupt on change). Internal software programmable weak pull-up. Serial programming clock. RB7 bit7 TTL/ST(2) Input/output pin (with interrupt on change). Internal software programmable weak pull-up. Serial programming data. Legend: TTL = TTL input, ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt. 2: This buffer is a Schmitt Trigger input when used in serial programming mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |