Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71 Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 116Page - Microchip Technology PIC16LC71 Datasheet HTML 117Page - Microchip Technology PIC16LC71 Datasheet HTML 118Page - Microchip Technology PIC16LC71 Datasheet HTML 119Page - Microchip Technology PIC16LC71 Datasheet HTML 120Page - Microchip Technology PIC16LC71 Datasheet HTML 121Page - Microchip Technology PIC16LC71 Datasheet HTML 122Page - Microchip Technology PIC16LC71 Datasheet HTML 123Page - Microchip Technology PIC16LC71 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 176 page
background image
PIC16C71X
DS30272A-page 120
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 13-4: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, AND POWER-UP
TIMER TIMING
FIGURE 13-5: BROWN-OUT RESET TIMING
TABLE 13-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2
—
—
µs
VDD = 5V, -40˚C to +125˚C
31*
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7
18
33
ms
VDD = 5V, -40˚C to +125˚C
32
Tost
Oscillation Start-up Timer Period
—
1024TOSC
—
—
TOSC = OSC1 period
33*
Tpwrt
Power up Timer Period
28
72
132
ms
VDD = 5V, -40˚C to +125˚C
34
TIOZ
I/O Hi-impedance from MCLR Low
or Watchdog Timer Reset
—
—
2.1
µs
35
TBOR
Brown-out Reset pulse width
100
—
—
µs
VDD
≤ BVDD (D005)
36
TPER
Parity Error Reset
—
TBD
—
µs
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
VDD
MCLR
Internal
POR
PWRT
Timeout
OSC
Timeout
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
Parity
Error
Reset
36
VDD
BVDD
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com