Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71 Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 167Page - Microchip Technology PIC16LC71 Datasheet HTML 168Page - Microchip Technology PIC16LC71 Datasheet HTML 169Page - Microchip Technology PIC16LC71 Datasheet HTML 170Page - Microchip Technology PIC16LC71 Datasheet HTML 171Page - Microchip Technology PIC16LC71 Datasheet HTML 172Page - Microchip Technology PIC16LC71 Datasheet HTML 173Page - Microchip Technology PIC16LC71 Datasheet HTML 174Page - Microchip Technology PIC16LC71 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 171
PIC16C71X
The procedure to connect will vary slightly from country
to country. Please check with your local CompuServe
agent for details if you have a problem. CompuServe
service allow multiple users various baud rates
depending on the local point of access.
The following connect procedure applies in most loca-
tions.
1. Set your modem to 8-bit, No parity, and One stop
(8N1). This is not the normal CompuServe setting
which is 7E1.
2. Dial your local CompuServe access number.
3. Depress the <Enter> key and a garbage string will
appear because CompuServe is expecting a 7E1
setting.
4. Type +, depress the <Enter> key and “Host Name:”
will appear.
5. Type MCHIPBBS, depress the <Enter> key and you
will be connected to the Microchip BBS.
In the United States, to find the CompuServe phone
number closest to you, set your modem to 7E1 and dial
(800) 848-4480 for 300-2400 baud or (800) 331-7166
for 9600-14400 baud connection. After the system
responds with “Host Name:”, type NETWORK, depress
the <Enter> key and follow CompuServe's directions.
For voice information (or calling from overseas), you
may call (614) 723-1550 for your local CompuServe
number.
Microchip regularly uses the Microchip BBS to distribute
technical information, application notes, source code,
errata sheets, bug reports, and interim patches for
Microchip systems software products. For each SIG, a
moderator monitors, scans, and approves or disap-
proves files submitted to the SIG. No executable files
are accepted from the user community in general to
limit the spread of computer viruses.
Systems Information and Upgrade Hot Line
The Systems Information and Upgrade Line provides
system users a listing of the latest versions of all of
Microchip's development systems software products.
Plus, this line provides information on how customers
can receive any currently available upgrade kits.The
Hot Line Numbers are:
1-800-755-2345 for U.S. and most of Canada, and
1-602-786-7302 for the rest of the world.
Trademarks: The Microchip name, logo, PIC, PICSTART,
PICMASTER and PRO MATE are registered trademarks
of Microchip Technology Incorporated in the U.S.A. and
other countries.
FlexROM, MPLAB and fuzzyLAB, are
trademarks and SQTP is a service mark of Microchip in
the U.S.A.
fuzzyTECH is a registered trademark of Inform Software
Corporation. IBM, IBM PC-AT are registered trademarks
of International Business Machines Corp. Pentium is a
trademark of Intel Corporation. Windows is a trademark
and MS-DOS, Microsoft Windows are registered trade-
marks of Microsoft Corporation. CompuServe is a regis-
tered trademark of CompuServe Incorporated.
All other trademarks mentioned herein are the property of
their respective companies.
ON-LINE SUPPORT
Microchip provides two methods of on-line support.
These are the Microchip BBS and the Microchip World
Wide Web (WWW) site.
Use Microchip's Bulletin Board Service (BBS) to get
current information and help about Microchip products.
Microchip provides the BBS communication channel
for you to use in extending your technical staff with
microcontroller and memory experts.
To provide you with the most responsive service possible,
the Microchip systems team monitors the BBS, posts
the latest component data and software tool updates,
provides technical help and embedded systems
insights, and discusses how Microchip products pro-
vide project solutions.
The web site, like the BBS, is used by Microchip as a
means to make files and information easily available to
customers. To view the site, the user must have access
to the Internet and a web browser, such as Netscape or
Microsoft Explorer. Files are also available for FTP
download from our FTP site.
Connecting to the Microchip InternetWeb Site
The Microchip web site is available by using your
favorite Internet browser to attach to:
www.microchip.com
The file transfer site is available by using an FTP ser-
vice to connect to:
ftp://ftp.futureone.com/pub/microchip
The web site and file transfer site provide a variety of
services. Users may download files for the latest
Development Tools, Data Sheets, Application Notes,
User's Guides, Articles and Sample Programs. A vari-
ety of Microchip specific business information is also
available, including listings of Microchip sales offices,
distributors and factory representatives. Other data
available for consideration is:
• Latest Microchip Press Releases
• Technical Support Section with Frequently Asked
Questions
• Design Tips
• Device Errata
• Job Postings
• Microchip Consultant Program Member Listing
• Links to other useful web sites related to
Microchip Products
Connecting to the Microchip BBS
Connect worldwide to the Microchip BBS using either
the Internet or the CompuServe® communications net-
work.
Internet:
You can telnet or ftp to the Microchip BBS at the
address:
mchipbbs.microchip.com
CompuServe Communications Network:
When using the BBS via the Compuserve Network,
in most cases, a local call is your only expense. The
Microchip BBS connection does not use CompuServe
membership services, therefore you do not need
CompuServe membership to join Microchip's BBS.
There is no charge for connecting to the Microchip BBS.
970301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com