Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT40N03TG-K08-3030-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT40N03TG-K08-3030-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N03TG-K08-3030-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT40N03TG-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT40N03TG-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT40N03T
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-172.G
TYPICAL CHARACTERISTICS
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (V)
Switching Time Waveforms
VDS
90%
10%
VGS
tD(ON)
tTHL
tD(OFF)
tTLH
0.2
0
0
0.2
0.8
1.0
0.4 0.6
0.4
0.6
0.8
1.2
1.0 1.2 1.4 1.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com