Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16CE625 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16CE625
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE625 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16CE625 Datasheet HTML 28Page - Microchip Technology PIC16CE625 Datasheet HTML 29Page - Microchip Technology PIC16CE625 Datasheet HTML 30Page - Microchip Technology PIC16CE625 Datasheet HTML 31Page - Microchip Technology PIC16CE625 Datasheet HTML 32Page - Microchip Technology PIC16CE625 Datasheet HTML 33Page - Microchip Technology PIC16CE625 Datasheet HTML 34Page - Microchip Technology PIC16CE625 Datasheet HTML 35Page - Microchip Technology PIC16CE625 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
PIC16CE62X
DS40182A-page 32
Preliminary
© 1998 Microchip Technology Inc.
6.3
WRITE OPERATIONS
6.3.1
BYTE WRITE
Following the start signal from the processor, the
device code (4 bits), the don't care bits (3 bits), and the
R/W bit which is a logic low is placed onto the bus by
the processor. This indicates to the EEPROM that a
byte with a word address will follow after it has gener-
ated an acknowledge bit during the ninth clock cycle.
Therefore the next byte transmitted by the processor is
the word address and will be written into the address
pointer of the EEPROM.
After receiving another
acknowledge signal from the EEPROM the processor
will transmit the data word to be written into the
addressed memory location. The EEPROM acknowl-
edges again and the processor generates a stop con-
dition. This initiates the internal write cycle, and during
this time the EEPROM will not generate acknowledge
signals (Figure 6-6).
6.3.2
PAGE WRITE
The write control byte, word address and the first data
byte are transmitted to the EEPROM in the same way
as in a byte write. But instead of generating a stop con-
dition the processor transmits up to eight data bytes to
the EEPROM which are temporarily stored in the on-
chip page buffer and will be written into the memory
after the processor has transmitted a stop condition.
After the receipt of each word, the three lower order
address pointer bits are internally incremented by one.
The higher order five bits of the word address remains
constant. If the processor should transmit more than
eight words prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received an inter-
nal write cycle will begin (Figure 6-7).
6.4
ACKNOWLEDGE POLLING
Since the EEPROM will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the processor, the
EEPROM initiates the internally timed write cycle. ACK
polling can be initiated immediately. This involves the
processor sending a start condition followed by the
control byte for a write command (R/W = 0). If the
device is still busy with the write cycle, then no ACK will
be returned. If no ACK is returned, then the start bit and
control byte must be re-sent. If the cycle is complete,
then the device will return the ACK and the processor
can then proceed with the next read or write command.
See Figure 6-5 for flow diagram.
FIGURE 6-5:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did EEPROM
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
FIGURE 6-6:
BYTE WRITE
S
P
BUS ACTIVITY
PROCESSOR
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
1
0
X
1
0
X
X
X
X = Don’t Care Bit
X
X
X
0
62X.bk Page 32 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com