Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554-04E/SS Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16C554-04E/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554-04E/SS Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16C554-04E/SS Datasheet HTML 52Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 53Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 54Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 55Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 56Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 57Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 58Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 59Page - Microchip Technology PIC16C554-04E/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
PIC16C55X(A)
DS40143B-page 56
Preliminary
© 1997 Microchip Technology Inc.
CLRWDT
Clear Watchdog Timer
Syntax:
[
label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0100
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT. Status bits TO
and PD are set.
Words:
1
Cycles:
1
Example
CLRWDT
Before Instruction
WDT counter =
?
After Instruction
WDT counter =
0x00
WDT prescaler=
0
TO
=
1
PD
=
1
COMF
Complement f
Syntax:
[
label ] COMF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1001
dfff
ffff
Description:
The contents of register 'f' are
complemented. If 'd' is 0 the result is
stored in W. If 'd' is 1 the result is
stored back in register 'f'.
Words:
1
Cycles:
1
Example
COMF
REG1,0
Before Instruction
REG1
=
0x13
After Instruction
REG1
=
0x13
W
=
0xEC
DECF
Decrement f
Syntax:
[
label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest)
Status Affected:
Z
Encoding:
00
0011
dfff
ffff
Description:
Decrement register 'f'. If 'd' is 0 the
result is stored in the W register. If 'd'
is 1 the result is stored back in register
'f'
.
Words:
1
Cycles:
1
Example
DECF
CNT, 1
Before Instruction
CNT
=
0x01
Z
=
0
After Instruction
CNT
=
0x00
Z
=
1
DECFSZ
Decrement f, Skip if 0
Syntax:
[
label ] DECFSZ f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest);
skip if result = 0
Status Affected:
None
Encoding:
00
1011
dfff
ffff
Description:
The contents of register 'f' are
decremented. If 'd' is 0 the result is
placed in the W register. If 'd' is 1 the
result is placed back in register 'f'.
If the result is 0, the next instruction,
which is already fetched, is discarded. A
NOP is executed instead making it a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Example
HERE
DECFSZ
CNT, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address HERE
After Instruction
CNT
=
CNT - 1
if CNT =
0,
PC
=
address CONTINUE
if CNT
≠
0,
PC
=
address HERE+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com