Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C62B-04/SS Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16C62B-04/SS
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C62B-04/SS Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16C62B-04/SS Datasheet HTML 94Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 95Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 96Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 97Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 98Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 99Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 100Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 101Page - Microchip Technology PIC16C62B-04/SS Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
PIC16C62B/72A
DS35008B-page 98
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 13-14: EXAMPLE SPI SLAVE MODE TIMING (CKE = 1)
TABLE 13-10: EXAMPLE SPI SLAVE MODE REQUIREMENTS (CKE = 1)
Param.
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY
——
ns
71
TscH
SCK input high time
(slave mode)
Continuous
1.25TCY + 30
—
—
ns
71A
Single Byte
40
—
—
ns
Note 1
72
TscL
SCK input low time
(slave mode)
Continuous
1.25TCY + 30
—
—
ns
72A
Single Byte
40
—
—
ns
Note 1
73A
TB2B
Last clock edge of Byte1 to the 1st clock
edge of Byte2
1.5TCY + 40
—
—
ns
Note 1
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
100
—
—
ns
75
TdoR
SDO data output rise
time
PIC16CXX
—10
25
ns
PIC16LCXX
20
45
ns
76
TdoF
SDO data output fall time
—
10
25
ns
77
TssH2doZ
SS
↑ to SDO output hi-impedance
10
—
50
ns
78
TscR
SCK output rise time
(master mode)
PIC16CXX
—10
25
ns
PIC16LCXX
—20
45
ns
79
TscF
SCK output fall time (master mode)
—
10
25
ns
80
TscH2doV,
TscL2doV
SDO data output valid
after SCK edge
PIC16CXX
——
50
ns
PIC16LCXX
——
100
ns
82
TssL2doV
SDO data output valid
after SS
↓ edge
PIC16CXX
——
50
ns
PIC16LCXX
——
100
ns
83
TscH2ssH,
TscL2ssH
SS
↑ after SCK edge
1.5TCY + 40
—
—
ns
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Specification 73A is only required if specifications 71A and 72A are used.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
82
SDI
74
75, 76
MSb
BIT6 - - - - - -1
LSb
77
MSb IN
BIT6 - - - -1
LSb IN
80
83
NOTE: Refer to Figure 13-4 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com