Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF745 Datasheet(PDF) 31 Page - Microchip Technology

Part # CF745
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CF745 Datasheet(HTML) 31 Page - Microchip Technology

Back Button CF745 Datasheet HTML 27Page - Microchip Technology CF745 Datasheet HTML 28Page - Microchip Technology CF745 Datasheet HTML 29Page - Microchip Technology CF745 Datasheet HTML 30Page - Microchip Technology CF745 Datasheet HTML 31Page - Microchip Technology CF745 Datasheet HTML 32Page - Microchip Technology CF745 Datasheet HTML 33Page - Microchip Technology CF745 Datasheet HTML 34Page - Microchip Technology CF745 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 31
PIC16C5X
7.0
SPECIAL FEATURES OF THE
CPU
What
sets
a
microcontroller
apart
from
other
processors are special circuits that deal with the
needs of real-time applications. The PIC16C5X family
of microcontrollers has a host of such features
intended to maximize system reliability, minimize cost
through elimination of external components, provide
power saving operating modes and offer code
protection. These features are:
• Oscillator selection
• Reset
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT)
(not implemented on PIC16C52)
• SLEEP
• Code protection
• ID locations (not implemented on PIC16C52)
The PIC16C5X Family has a Watchdog Timer which
can be shut off only through configuration bit WDTE. It
runs off of its own RC oscillator for added reliability.
There is an 18 ms delay provided by the Device Reset
Timer (DRT), intended to keep the chip in reset until
the crystal oscillator is stable. With this timer on-chip,
most applications need no external reset circuitry.
The SLEEP mode is designed to offer a very low
current power-down mode. The user can wake up from
SLEEP through external reset or through a Watchdog
Timer time-out. Several oscillator options are also
made available to allow the part to fit the application.
The RC oscillator option saves system cost while the
LP crystal option saves power. A set of configuration
bits are used to select various options.
7.1
Configuration Bits
Configuration bits can be programmed to select
various device configurations. Two bits are for the
selection of the oscillator type and one bit is the
Watchdog Timer enable bit.
Nine bits are code
protection bits (Figure 7-1 and Figure 7-2) for the
PIC16C54,
PIC16CR54,
PIC16C56,
PIC16CR56,
PIC16C58, and PIC16CR58 devices.
QTP or ROM devices have the oscillator configuration
programmed at the factory and these parts are tested
accordingly
(see
"Product
Identification
System"
diagrams in the back of this data sheet).
FIGURE 7-1:
CONFIGURATION WORD FOR
PIC16CR54A/C54B/CR54B/C54C/CR54C/C55A/C56A/CR56A/C57C/
CR57B/CR57C/C58B/CR58A/CR58B
CP
CP
CP
CP
CP
CP
CP
CP
CP
WDTE FOSC1 FOSC0
Register:
CONFIG
Address(1):
FFFh
bit11
10
987654321
bit0
bit 11-3: CP: Code protection bits
1 = Code protection off
0 = Code protection on
bit 2:
WDTE: Watchdog timer enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator selection bits
11 = RC oscillator
10 = HS oscillator
01 = XT oscillator
00 = LP oscillator
Note 1:
Refer to the PIC16C5X Programming Specification (Literature Number DS30190) to deter-
mine how to access the configuration word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com