| Electronic Components Datasheet Search |
|
PIC16F87X Datasheet(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87X Datasheet(HTML) 78 Page - Microchip Technology |
|
78 / 218 page ![]() PIC16F87X DS30292C-page 76 2001 Microchip Technology Inc. FIGURE 9-7: I2C WAVEFORMS FOR TRANSMISSION (7-BIT ADDRESS) 9.2.2 GENERAL CALL ADDRESS SUPPORT The addressing procedure for the I2C bus is such that the first byte after the START condition usually deter- mines which device will be the slave addressed by the master. The exception is the general call address, which can address all devices. When this address is used, all devices should, in theory, respond with an acknowledge. The general call address is one of eight addresses reserved for specific purposes by the I2C protocol. It consists of all 0’s with R/W = 0. The general call address is recognized when the Gen- eral Call Enable bit (GCEN) is enabled (SSPCON2<7> is set). Following a START bit detect, 8 bits are shifted into SSPSR and the address is compared against SSPADD. It is also compared to the general call address and fixed in hardware. If the general call address matches, the SSPSR is transferred to the SSPBUF, the BF flag is set (eighth bit), and on the falling edge of the ninth bit (ACK bit), the SSPIF flag is set. When the interrupt is serviced, the source for the inter- rupt can be checked by reading the contents of the SSPBUF to determine if the address was device spe- cific, or a general call address. In 10-bit mode, the SSPADD is required to be updated for the second half of the address to match, and the UA bit is set (SSPSTAT<1>). If the general call address is sampled when GCEN is set, while the slave is config- ured in 10-bit address mode, then the second half of the address is not necessary, the UA bit will not be set, and the slave will begin receiving data after the Acknowledge (Figure 9-8). FIGURE 9-8: SLAVE MODE GENERAL CALL ADDRESS SEQUENCE (7 OR 10-BIT MODE) SDA SCL SSPIF BF (SSPSTAT<0>) CKP (SSPCON<4>) A7 A6 A5 A4 A3 A2 A1 ACK D7 D6 D5 D4 D3 D2 D1 D0 Not ACK Transmitting Data R/W = 1 Receiving Address 1 2 3 4 5678 9 1 2 3 4 5 67 8 9 P Cleared in software SSPBUF is written in software From SSP Interrupt Service Routine Set bit after writing to SSPBUF S Data in sampled SCL held low while CPU responds to SSPIF (the SSPBUF must be written to, before the CKP bit can be set) R/W = 0 SDA SCL S SSPIF BF SSPOV Cleared in software SSPBUF is read R/W = 0 ACK General Call Address Address is compared to General Call Address GCEN Receiving data ACK 12 3 4 5 6 7 8 9 1 2 3 4 5 67 8 9 D7 D6 D5 D4 D3 D2 D1 D0 after ACK, set interrupt flag ’0’ ’1’ (SSPSTAT<0>) (SSPCON<6>) (SSPCON2<7>) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |