Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C925-S/CL Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 62Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 63Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 64Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 65Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 66Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 67Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 68Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 69Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 182 page
background image
PIC16C925/926
DS39544A-page 64
Preliminary
 2001 Microchip Technology Inc.
FIGURE 9-5:
SPI MODE TIMING (SLAVE MODE WITH CKE = 1)
TABLE 9-1:
REGISTERS ASSOCIATED WITH SPI OPERATION
SCK (CKP = 0)
SDI (SMP = 0)
SSPIF
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
SCK (CKP = 1)
SDO
bit7
bit0
SS
(not optional)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
LCDIF
ADIF
SSPIF
CCP1IF TMR2IF
TMR1IF 00-- 0000
00-- 0000
8Ch
PIE1
LCDIE
ADIE
SSPIE
CCP1IE TMR2IE TMR1IE 00-- 0000
00-- 0000
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
14h
SSPCON
WCOL SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
85h
TRISA
PORTA Data Direction Control Register
--11 1111
--11 1111
87h
TRISC
PORTC Data Direction Control Register
--11 1111
--11 1111
94h
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
0000 0000
0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by the SSP in SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com