Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F8X Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F8X
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F8X Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F8X Datasheet HTML 42Page - Microchip Technology PIC16F8X Datasheet HTML 43Page - Microchip Technology PIC16F8X Datasheet HTML 44Page - Microchip Technology PIC16F8X Datasheet HTML 45Page - Microchip Technology PIC16F8X Datasheet HTML 46Page - Microchip Technology PIC16F8X Datasheet HTML 47Page - Microchip Technology PIC16F8X Datasheet HTML 48Page - Microchip Technology PIC16F8X Datasheet HTML 49Page - Microchip Technology PIC16F8X Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
PIC16F8X
DS30430C-page 46
© 1998 Microchip Technology Inc.
8.7
Time-out Sequence and Power-down
Status Bits (TO/PD)
On power-up (Figure 8-10, Figure 8-11, Figure 8-12
and Figure 8-13) the time-out sequence is as follows:
First PWRT time-out is invoked after a POR has
expired. Then the OST is activated. The total time-out
will vary based on oscillator configuration and PWRTE
configuration bit status. For example, in RC mode with
the PWRT disabled, there will be no time-out at all.
TABLE 8-5
TIME-OUT IN VARIOUS
SITUATIONS
Since the time-outs occur from the POR reset pulse, if
MCLR is kept low long enough, the time-outs will
expire. Then bringing MCLR high, execution will begin
immediately (Figure 8-10). This is useful for testing
purposes or to synchronize more than one PIC16F8X
device when operating in parallel.
Table 8-6 shows the significance of the TO and PD bits.
Table 8-3 lists the reset conditions for some special
registers, while Table 8-4 lists the reset conditions for
all the registers.
TABLE 8-6
STATUS BITS AND THEIR
SIGNIFICANCE
8.8
Reset on Brown-Out
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and then
recovers. The device should be reset in the event of a
brown-out.
To reset a PIC16F8X device when a brown-out occurs,
external brown-out protection circuits may be built, as
shown in Figure 8-14 and Figure 8-15.
FIGURE 8-14: BROWN-OUT PROTECTION
CIRCUIT 1
FIGURE 8-15: BROWN-OUT PROTECTION
CIRCUIT 2
Oscillator
Configuration
Power-up
Wake-up
from
SLEEP
PWRT
Enabled
PWRT
Disabled
XT, HS, LP
72 ms +
1024TOSC
1024TOSC
1024TOSC
RC
72 ms
—
—
TO
PD
Condition
1
1
Power-on Reset
0
x
Illegal, TO is set on POR
x
0
Illegal, PD is set on POR
0
1
WDT Reset (during normal operation)
0
0
WDT Wake-up
1
1
MCLR Reset during normal operation
1
0
MCLR Reset during SLEEP or interrupt
wake-up from SLEEP
This circuit will activate reset when VDD goes below
(Vz + 0.7V) where Vz = Zener voltage.
VDD
33k
10k
40k
VDD
MCLR
PIC16F8X
This brown-out circuit is less expensive, although less
accurate. Transistor Q1 turns off when VDD is below a
certain level such that:
VDD •
R1
R1 + R2
= 0.7V
R2
40k
VDD
MCLR
PIC16F8X
R1
Q1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com