| Electronic Components Datasheet Search |
|
PIC16C56A Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C56A Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 84 page ![]() © 1998 Microchip Technology Inc. Preliminary DS40191A-page 21 PIC16CR54C 6.0 TIMER0 MODULE AND TMR0 REGISTER The Timer0 module has the following features: • 8-bit timer/counter register, TMR0 - Readable and writable • 8-bit software programmable prescaler • Internal or external clock select - Edge select for external clock Figure 6-1 is a simplified block diagram of the Timer0 module, while Figure 6-2 shows the electrical structure of the Timer0 input. Timer mode is selected by clearing the T0CS bit (OPTION<5>). In timer mode, the Timer0 module will increment every instruction cycle (without prescaler). If TMR0 register is written, the increment is inhibited for the following two cycles (Figure 6-3 and Figure 6-4). The user can work around this by writing an adjusted value to the TMR0 register. Counter mode is selected by setting the T0CS bit (OPTION<5>). In this mode, Timer0 will increment either on every rising or falling edge of pin T0CKI. The incrementing edge is determined by the source edge select bit T0SE (OPTION<4>). Clearing the T0SE bit selects the rising edge. Restrictions on the external clock input are discussed in detail in Section 6.1. The prescaler may be used by either the Timer0 module or the Watchdog Timer, but not both. The prescaler assignment is controlled in software by the control bit PSA (OPTION<3>). Clearing the PSA bit will assign the prescaler to Timer0. The prescaler is not readable or writable. When the prescaler is assigned to the Timer0 module, prescale values of 1:2, 1:4,..., 1:256 are selectable. Section 6.2 details the operation of the prescaler. A summary of registers associated with the Timer0 module is found in Table 6-1. FIGURE 6-1: TIMER0 BLOCK DIAGRAM FIGURE 6-2: ELECTRICAL STRUCTURE OF T0CKI PIN Note 1: Bits T0CS, T0SE, PSA, PS2, PS1 and PS0 are located in the OPTION register. 2: The prescaler is shared with the Watchdog Timer (Figure 6-6). T0CKI T0SE(1) 0 1 1 0 pin T0CS(1) FOSC/4 Programmable Prescaler(2) Sync with Internal Clocks TMR0 reg PSout (2 cycle delay) PSout Data bus 8 PSA(1) PS2, PS1, PS0(1) 3 Sync VSS VSS RIN Schmitt Trigger N Input Buffer T0CKI pin Note 1: ESD protection circuits (1) (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |