Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R2002GSW100 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 3R2002GSW100
Description  Resonant switchers, power factor correction and main converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002GSW100 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  3R2002GSW100 Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002GSW100 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Resonant switchers, power factor correction and main
 converter
* Power factor correction up to 0.99, meeting IEC61000
 -3-2(EN61000-3-2)
* 85 to 264VAC universal input
* High efficiency up to 90%
* Low EMI, meeting FCC B, CISPR B
UL1950 Recognized
CSA22.2 No.950 Certified (cUL)
EN60950 (NEMKO Certified)
CE mark (LVD only)
*Data/information processing equipment
*FA control equipment
*Measuring, inspection and testing equipment
*Communication equipment
*Optical equipment
*Peak loads (for Motor Drive, Lamp) *6
NOTES
*1 When maximum output is worked
*2 When cold start works with rated voltage at 25℃ ambient temperature
*3 Recovers automatically
*4 Recovers on input again
*5 When maximum output is worked, after last AC line peak
*6 (Peak) : Peak Loads for 10 seconds or less are acceptable. Input voltage range AC170V ~ AC264V only.
/59 
/59
FEATURES
SAFETY STANDARDS
APPLICATIONS
GSW100 SPECIFICATIONS
1
Rated output DC voltage
2
Rated output DC current (Peak *6)
3
Maximum output power (Peak *6)
4
Adjustable voltage range
*1
5
Efficiency(120/230V AC, TYP)
*1
6
Maximum ripple noise
7
Over current protection
*3
8
Over voltage protection
*4
9
Input voltage range
10 Input frequency range
11 Input current
*1
12 Power factor
*1
13 Inrush current
*2
14 Hold-up time
*5
5V
12V
15V
24V
20A (22A)
8.3A (15A)
6.7A (12A)
4.2A (7.5A)
100W (110W)
99.6W (180W)
100.5W (180W)
100.8W (180W)
4.9∼5.25V
11.7∼12.6V
14.7∼15.75V
23.5∼25.2V
77%/80%
87%/88%
88%/89%
89%/90%
50mVpp
80mVpp
100mVpp
150mVpp
23A ∼
15.8A ∼
12.7A ∼
7.8A ∼
5.75V ∼
13.8V ∼
17.3V ∼
27.6V ∼
85V ∼ 264VAC
47Hz ∼ 63Hz
1.15A (100VAC) , 0.52A (230VAC)
0.99TYP (100VAC), 0.95TYP (230VAC)
20Apk MAX (120VAC), 40Apk MAX (240VAC)
20msMIN
ITEM
GSW100-5
GSW100-15
GSW100-12
GSW100-24


Similar Part No. - 3R2002GSW100

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
3R2002GSW150 RUBYCON-3R2002GSW150 Datasheet
118Kb / 2P
Resonant switchers, power factor correction and main converter
More results

Similar Description - 3R2002GSW100

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
RUBYCON CORPORATION
3R2002GSW75 RUBYCON-3R2002GSW75 Datasheet
105Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002GSW150 RUBYCON-3R2002GSW150 Datasheet
118Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RDW RUBYCON-3R2002RDW Datasheet
891Kb / 3P
Resonant switchers, power factor correction and main converter
3R2002RSW RUBYCON-3R2002RSW Datasheet
206Kb / 5P
Resonant switchers, power factor correction and main converter
3R2002RSW75F RUBYCON-3R2002RSW75F Datasheet
96Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RSW100F RUBYCON-3R2002RSW100F Datasheet
89Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RTW RUBYCON-3R2002RTW Datasheet
198Kb / 4P
Resonant switchers, power factor correction and main converter
GSW200 RUBYCON-GSW200 Datasheet
124Kb / 2P
Resonant switchers, power factor correction and main converter
MSW150 RUBYCON-MSW150 Datasheet
122Kb / 2P
Resonant switchers, power factor correction and main converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com