Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 39Page - Microchip Technology PIC17C752 Datasheet HTML 40Page - Microchip Technology PIC17C752 Datasheet HTML 41Page - Microchip Technology PIC17C752 Datasheet HTML 42Page - Microchip Technology PIC17C752 Datasheet HTML 43Page - Microchip Technology PIC17C752 Datasheet HTML 44Page - Microchip Technology PIC17C752 Datasheet HTML 45Page - Microchip Technology PIC17C752 Datasheet HTML 46Page - Microchip Technology PIC17C752 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 43
PIC17C7XX
7.1.2
EXTERNAL MEMORY INTERFACE
When either microprocessor or extended microcontrol-
ler mode is selected, PORTC, PORTD and PORTE are
configured as the system bus. PORTC and PORTD are
the multiplexed address/data bus and PORTE<2:0> is
for the control signals. External components are
needed to demultiplex the address and data. This can
be done as shown in Figure 7-4. The waveforms of
address and data are shown in Figure 7-3. For com-
plete timings, please refer to the electrical specification
section.
FIGURE 7-3:
EXTERNAL PROGRAM
MEMORY ACCESS
WAVEFORMS
The system bus requires that there is no bus conflict
(minimal leakage), so the output value (address) will be
capacitively held at the desired value.
As the speed of the processor increases, external
EPROM memory with faster access time must be used.
Table 7-2 lists external memory speed requirements for
a given PIC17C7XX device frequency.
Q3
Q1
Q2
Q4
Q3
Q1
Q2
Q4
AD
<15:0>
ALE
OE
WR
'1'
Read cycle
Write cycle
Address out Data in
Address out
Data out
Q1
In extended microcontroller mode, when the device is
executing out of internal memory, the control signals
will continue to be active. That is, they indicate the
action that is occurring in the internal memory. The
external memory access is ignored.
This following selection is for use with Microchip
EPROMs. For interfacing to other manufacturers mem-
ory, please refer to the electrical specifications of the
desired PIC17C7XX device, as well as the desired
memory device to ensure compatibility.
TABLE 7-2:
EPROM MEMORY ACCESS
TIME ORDERING SUFFIX
The electrical specifications now include timing specifi-
cations for the memory interface with PIC17LCXXX
devices. These specifications reflect the capability of
the device by characterization. Please validate your
design with these timings.
PIC17C7XX
Oscillator
Frequency
Instruction
Cycle
Time (TCY)
EPROM Suffix
8 MHz
500 ns
-25
16 MHz
250 ns
-15
20 MHz
200 ns
-10
25 MHz
160 ns
-70
33 MHz
121 ns
(1)
Note 1: The access times for this requires the use of
fast SRAMs.
FIGURE 7-4:
TYPICAL EXTERNAL PROGRAM MEMORY CONNECTION DIAGRAM
AD7-AD0
PIC17CXXX
AD15-AD8
ALE
I/O(1)
AD15-AD0
Memory(3)
(MSB)
Ax-A0
D7-D0
A15-A0
Memory(3)
(LSB)
Ax-A0
D7-D0
138(1)
OE
WR
OE
OE
WR
WR
CE
CE
(2)
(2)
Note 1:
Use of I/O pins is only required for paged memory.
2:
This signal is unused for ROM and EPROM devices.
3:
16-bit wide devices are now common and could be used instead of 8-bit wide devices.
373(3)
373(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com