Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # CFX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

CFX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  CFX_15 Datasheet HTML 1Page - RUBYCON CORPORATION CFX_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
CFX
SERIES
CFX
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼450Vdc
±20%
(20℃,
120Hz)
I=0.1CV+40μA ( 1 minute)
I=0.03CV+15μA ( 5 minutes)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
CV≦1000
I=0.04CV+100μA ( 1 minute)
I=0.02CV+25μA ( 5 minutes)
CV>1000
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 5000 hrs at 105℃,
the capacitors shall meet the following requirements.
Load Life : 105℃ 5000 hours
◆FEATURES
・High Ripple Current.
・For LED Lighting.
・RoHS compliance.
◆PART NUMBER
□□□
Rated Voltage
CFX
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Frequency
(Hz)
Coefficient
120
1k
10k 100k
0.2
0.4
0.8
1.0
2.2∼4.7μF
6.8∼10μF
0.3
0.6
0.9
1.0
22∼100μF
0.5
0.8
0.9
1.0
I=Leakage Current(μA)
C=Capacitance(μF)
V=Rated Voltage(Vdc)
◆OPTION
Rated Voltage
(Vdc)
tanδ
0.15
200
0.15
160
0.15
250
0.20
350
0.20
400
0.20
450(20℃,
120Hz)
(120Hz)
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
200 250 350 400
3
160
33
6
6
450
6
PET Sleeve
Code
EFC


Similar Part No. - CFX_15

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFX3 PANDUIT-CFX3 Datasheet
51Kb / 1P
COUPLER FITTING COVER
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
logo
Advanced Analogic Techn...
CFXYY ANALOGICTECH-CFXYY Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results

Similar Description - CFX_15

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com