| Electronic Components Datasheet Search |
|
PIC17C43 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C43 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 16 page ![]() PIC17CXX DS30139I-page 8 © 1996 Microchip Technology Inc. 4.2 Embedding Configuration Word Information in the Hex File TABLE 4-3: CONFIGURATION WORD PIC17C42 To code protect: • Protect all memory XXXXXXXXX0X0XXXX PIC17C42A To code protect: • Protect all memory 0XXXXXXXX0X0XXXX PIC17CR42 To code protect: • Protect all memory 0XXXXXXX0X0XXXX PIC17C43 To code protect: • Protect all memory 0XXXXXXX0X0XXXX PIC17CR43 To code protect: • Protect all memory 0XXXXXXX0X0XXXX PIC17C44 To code protect: • Protect all memory 0XXXXXXX0X0XXXX Legend: X = Don’t care *Write to on-chip EPROM memory is disabled. The only way these locations can be programmed is if a TABLWT instruction is issued from an “on-chip” program memory space to program an on-chip memory location. To allow portability of code, a PIC17C4X programmer is required to read the configuration word locations from the hex file when loading the hex file. If configuration word information was not present in the hex file then a simple warning message may be issued. Similarly, while saving a hex file, all configuration word information must be included. An option to not include the configuration word information may be provided. When embedding configuration word infor- mation in the hex file, it should be to address FE00h. Microchip Technology Inc. feels strongly that this feature is important for the benefit of the end customer. Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled Program Memory Segment R/W in Protected Mode R/W in Unprotected Mode Configuration Word (0xFE00) Read Scrambled, Write Enabled Read Unscrambled, Write Enabled All memory Read Scrambled, Write Disabled* Read Unscrambled, Write Enabled |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |