Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/SP Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16C765/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/SP Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16C765/SP Datasheet HTML 66Page - Microchip Technology PIC16C765/SP Datasheet HTML 67Page - Microchip Technology PIC16C765/SP Datasheet HTML 68Page - Microchip Technology PIC16C765/SP Datasheet HTML 69Page - Microchip Technology PIC16C765/SP Datasheet HTML 70Page - Microchip Technology PIC16C765/SP Datasheet HTML 71Page - Microchip Technology PIC16C765/SP Datasheet HTML 72Page - Microchip Technology PIC16C765/SP Datasheet HTML 73Page - Microchip Technology PIC16C765/SP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 158 page
background image
PIC16C745/765
DS41124A-page 70
Advanced Information
© 1999 Microchip Technology Inc.
REGISTER 10-12: BUFFER DESCRIPTOR BYTE COUNT (BDndBC: 1A1h, 1A5h, 1A9h, 1ADh, 1B1h,
1B5h))
REGISTER 10-13: BUFFER DESCRIPTOR ADDRESS LOW (BDndAL: 1A2h, 1A6h, 1AAh, 1AEh,
1B2h, 1B6h)
10.6.1
ENDPOINT BUFFERS
Endpoint buffers are located in the Dual Port RAM
area. The starting location of an endpoint buffer is
determined by the Buffer Descriptor.
10.7
TRANSCEIVER
An on-chip integrated transceiver is included to drive
the D+/D- physical layer of the USB.
10.7.1
REGULATOR
A 3.3V regulator provides the D+/D- drives with power.
A +20% 10nF capacitor is required on VUSB for regula-
tor stability.
10.7.1.1
VUSB Output
The VUSB provides a 3.3V nominal output. This drive
current is sufficient for a pull-up only.
10.8
USB Software Libraries
Microchip Technology provides a comprehensive set
of Chapter 9 Standard requests functions to aid devel-
opers in implementing their designs. See Microchip
Technology’s website for the latest version of the soft-
ware libraries.
TABLE 10-1:
USB PORT FUNCTIONS
U-X
U-X
U-X
U-X
R/W-X
R/W-X
R/W-X
R/W-X
—
—
—
—
BC3
BC2
BC1
BC0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
X = Don’t care
bit7
bit0
bit 7-4:
Reserved: Read as ’X’.
bit 3-0:
BC<3:0>: The Byte Count bits represent the number of bytes that will be transmitted for an IN TOKEN or
received during an OUT TOKEN. Valid byte counts are 0 - 8. The SIE will change this field upon the com-
pletion of an OUT or SETUP token with the actual byte count of the data received.
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
X = Don’t care
bit7
bit0
bit 7-0:
BA<7:0>: Buffer Address. The base address of the buffer controlled by this endpoint. The upper order bit
address (BA8) of the 9-bit address is assumed to be 1h. This value must point to a location within the dual
port memory space (1B8h - 1DFh). The upper order bits of the address are assumed to point to Bank 3.
Note 1: This register should always contain a value between B8h-DFh.
Name
Function
Input
Type
Output
Type
Description
VUSB
VUSB
—
Power
3.3V for pull up resistor
D-
D-
USB
USB
USB Differential Bus
D+
D+
USB
USB
USB Differential Bus
Legend:
OD = open drain, ST = Schmitt Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com