Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F020 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F020
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F020 Datasheet HTML 16Page - Microchip Technology PIC18F020 Datasheet HTML 17Page - Microchip Technology PIC18F020 Datasheet HTML 18Page - Microchip Technology PIC18F020 Datasheet HTML 19Page - Microchip Technology PIC18F020 Datasheet HTML 20Page - Microchip Technology PIC18F020 Datasheet HTML 21Page - Microchip Technology PIC18F020 Datasheet HTML 22Page - Microchip Technology PIC18F020 Datasheet HTML 23Page - Microchip Technology PIC18F020 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 176 page
background image
PIC18F010/020
DS41142A-page 18
Preliminary
 2001 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Reset
Wake-up via WDT
or Interrupt
TOSH
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
00-0 0000
00-0 0000
uu-u uuuu(3)
PCLATU
---0 0000
---0 0000
---u uuuu
PCLATH
0000 0000
0000 0000
uuuu uuuu
PCL
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
---0 00--
---0 00--
---u uu--
TBLPTRH
---- 0000
---- 0000
---- uuuu
TBLPTRL
0000 0000
0000 0000
uuuu uuuu
TABLAT
0000 0000
0000 0000
uuuu uuuu
PRODH
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
11-- -1-1
11-- -1-1
uu-- -u-u(1)
INDF0
N/A
N/A
N/A
POSTINC0
N/A
N/A
N/A
POSTDEC0
N/A
N/A
N/A
PREINC0
N/A
N/A
N/A
PLUSW0
N/A
N/A
N/A
FSR0H
---- 0000
---- 0000
---- uuuu
FSR0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
N/A
N/A
N/A
POSTINC1
N/A
N/A
N/A
POSTDEC1
N/A
N/A
N/A
PREINC1
N/A
N/A
N/A
PLUSW1
N/A
N/A
N/A
FSR1H
---- 0000
---- 0000
---- uuuu
FSR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
---- 0000
---- 0000
---- uuuu
INDF2
N/A
N/A
N/A
POSTINC2
N/A
N/A
N/A
POSTDEC2
N/A
N/A
N/A
PREINC2
N/A
N/A
N/A
PLUSW2
N/A
N/A
N/A
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hard-
ware stack.
4: See Table 3-2 for RESET value for specific condition.
5: The long write enable is only reset on a POR or MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com