Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765I/SP Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16C765I/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765I/SP Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16C765I/SP Datasheet HTML 22Page - Microchip Technology PIC16C765I/SP Datasheet HTML 23Page - Microchip Technology PIC16C765I/SP Datasheet HTML 24Page - Microchip Technology PIC16C765I/SP Datasheet HTML 25Page - Microchip Technology PIC16C765I/SP Datasheet HTML 26Page - Microchip Technology PIC16C765I/SP Datasheet HTML 27Page - Microchip Technology PIC16C765I/SP Datasheet HTML 28Page - Microchip Technology PIC16C765I/SP Datasheet HTML 29Page - Microchip Technology PIC16C765I/SP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 158 page
background image
PIC16C745/765
DS41124A-page 26
Advanced Information
© 1999 Microchip Technology Inc.
4.2.2.5
PIR1 REGISTER
This register contains the individual flag bits for the
peripheral interrupts.
REGISTER 4-5:
PERIPHERAL INTERRUPT REGISTER1 (PIR1: 0Ch)
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>). User soft-
ware should ensure the appropriate inter-
rupt flag bits are clear prior to enabling an
interrupt.
R/W-0
R/W-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
PSPIF(1)
ADIF
RCIF
TXIF
USBIF
CCP1IF
TMR2IF
TMR1IF
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
PSPIF(1): Parallel Slave Port Read/Write Interrupt Flag bit
1
= A read or a write operation has taken place (must be cleared in software)
0
= No read or write has occurred
bit 6:
ADIF: A/D Converter Interrupt Flag bit
1
= An A/D conversion completed (must be cleared in software)
0
= The A/D conversion is not complete
bit 5:
RCIF: USART Receive Interrupt Flag bit
1
= The USART receive buffer is full (clear by reading RCREG)
0
= The USART receive buffer is empty
bit 4:
TXIF: USART Transmit Interrupt Flag bit
1
= The USART transmit buffer is empty (clear by writing to TXREG)
0
= The USART transmit buffer is full
bit 3:
USBIF: Universal Serial Bus (USB) Interrupt Flag
1
= A USB interrupt condition has occurred. The specific cause can be found by examining the contents
of the UIR and UIE registers.
0
= No USB interrupt conditions that are enabled have occurred.
bit 2:
CCP1IF: CCP1 Interrupt Flag bit
Capture Mode
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare Mode
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM Mode
Unused in this mode
bit 1:
TMR2IF: TMR2 to PR2 Match Interrupt Flag bit
1
= TMR2 to PR2 match occurred (must be cleared in software)
0
= No TMR2 to PR2 match occurred
bit 0:
TMR1IF: TMR1 Overflow Interrupt Flag bit
1
= TMR1 register overflowed (must be cleared in software)
0
= TMR1 register did not overflow
Note 1: PIC16C745 device does not have a parallel slave port implemented. This bit location is reserved on this
device. Always maintain this bit clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com