Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS152 Datasheet(PDF) 8 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SCS152 Datasheet HTML 4Page - Microchip Technology SCS152 Datasheet HTML 5Page - Microchip Technology SCS152 Datasheet HTML 6Page - Microchip Technology SCS152 Datasheet HTML 7Page - Microchip Technology SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology SCS152 Datasheet HTML 10Page - Microchip Technology SCS152 Datasheet HTML 11Page - Microchip Technology SCS152 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SCS152
DS40150B-page 8
Preliminary
© 1997 Microchip Technology Inc.
3.4
BITPROG
The BITPROG command modifies one bit in the
EEPROM. In the digit area, this command decrements
the current digit or in the CFG field it programs the bits
to AD(0) xor FUSE-BLOWN state: PC0 is erased to a
‘1’; PC1 is written to a ‘0’; LOCK0 is written to a ‘0’,
when the fuse is in blown state. Everywhere else in the
memory map, the current bit is written to a ‘0’.
Figure 3-4 diagrams the BITPROG command.
This command is signaled by pulsing SCI high. If the
operation is allowed, the SDIO line goes high. The
actual EEPROM modification is initiated by pulsing
SCK high. When the programming operation has been
completed, and SCK is low, the output goes low, indi-
cating that the command has completed.
3.5
ERASE
The waveforms for ERASE are the same as BITPROG;
the command is implicitly coded by the repetition of the
sequence of events.
The ERASE command executes different functions,
depending on the current address as shown in
Table 3-5:
FIGURE 3-4:
BITPROG
TABLE 3-4:
BITPROG FUNCTIONS
Field
Description
CID
Writes current bit to ‘0’
SER
Writes current bit to ‘0’
D4…D0
Decrements the current digit
CFG
Program the current bit to the value of
(AD(0) xor FUSE-BLOWN)
USER0
Writes current bit to ‘0’
UKEY0
Writes current bit to ‘0’
TABLE 3-5:
ERASE FUNCTIONS
Field
Description
CID
—
SER
—
O4…O1
Sets the next digit to the maximum digit
value
CFG
—
USER0
0x6C…0x73: Erases current nibble to
all ‘1’ state
0x74…0x93: Erases the current byte to
all ‘1’ state
UKEY0
Erases the current byte to all ‘1’ state
SCI
SCK
SDIO
TH
TS
TC
TC
TPROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com