Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F870/PT Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F870/PT
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/PT Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F870/PT Datasheet HTML 28Page - Microchip Technology PIC16F870/PT Datasheet HTML 29Page - Microchip Technology PIC16F870/PT Datasheet HTML 30Page - Microchip Technology PIC16F870/PT Datasheet HTML 31Page - Microchip Technology PIC16F870/PT Datasheet HTML 32Page - Microchip Technology PIC16F870/PT Datasheet HTML 33Page - Microchip Technology PIC16F870/PT Datasheet HTML 34Page - Microchip Technology PIC16F870/PT Datasheet HTML 35Page - Microchip Technology PIC16F870/PT Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
PIC16F870/871
DS30569A-page 32
Preliminary
© 1999 Microchip Technology Inc.
TABLE 3-5:
PORTC FUNCTIONS
TABLE 3-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input
RC1/T1OSI
bit1
ST
Input/output port pin or Timer1 oscillator input
RC2/CCP1
bit2
ST
Input/output port pin or Capture1 input/Compare1 output/PWM1
output
RC3
bit3
ST
Input/output port pin
RC4
bit4
ST
Input/output port pin
RC5
bit5
ST
Input/output port pin
RC6/TX/CK
bit6
ST
Input/output port pin or USART Asynchronous Transmit or Synchro-
nous Clock
RC7/RX/DT
bit7
ST
Input/output port pin or USART Asynchronous Receive or Synchro-
nous Data
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all
other
resets
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
87h
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com