Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSG
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSG Datasheet HTML 1Page - RUBYCON CORPORATION LSG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
I=3 CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
RoHS compliance.
◆SPECIFICATIONS
◆PART NUMBER
−25∼+105℃
350∼450Vdc
±20%
(20℃,
120Hz)
SERIES
LSG
105℃ 5000 hours, Screw Terminal Type
◆FEATURES
Load Life : 105℃ 5000 hours.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Items
Characteristics
□□□
Rated Voltage
LSG
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50)120(100) 300
500
1k
0.80
1.00
1.17
1.23
1.30
10k≦
1.40
D×L
Case Size
(20℃,120Hz)
Vdc
φD
350∼450
51
0.20
64
0.25
77
0.25
90
0.25
(tanδ)
Dissipation Factor(MAX)
□□
Clamp Code
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
◆Dimensions in mm (not to scale)
〈I type〉
〈Y type〉
51
64
77
90
32.5
38.0
44.5
50.8
37.5
43.0
49.0
56.0
4.5
4.5
4.5
4.5
6.0
8.0
7.0
8.0
12
14
14
16
21.8
28.2
31.4
31.4
φD
51
64
77
90
34.0
40.0
47.0
54.0
40.0
45.0
53.0
60.0
3.5
4.5
4.5
4.5
6.0
7.0
6.0
6.0
12
12
12
14
W1
W2
W3
W4
W5
21.8
28.2
31.4
31.4
F
(mm)
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt


Similar Part No. - LSG

ManufacturerPart #DatasheetDescription
logo
Surge Components
LSG SURGE-LSG Datasheet
8Mb / 10P
suap-in terminal type
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
logo
OSRAM GmbH
LSG-A671 OSRAM-LSG-A671 Datasheet
490Kb / 15P
white SMT package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T671 OSRAM-LSG-T671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
More results

Similar Description - LSG

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTL NIC-NSTL Datasheet
55Kb / 2P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com