Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F870/SP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/SP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F870/SP Datasheet HTML 35Page - Microchip Technology PIC16F870/SP Datasheet HTML 36Page - Microchip Technology PIC16F870/SP Datasheet HTML 37Page - Microchip Technology PIC16F870/SP Datasheet HTML 38Page - Microchip Technology PIC16F870/SP Datasheet HTML 39Page - Microchip Technology PIC16F870/SP Datasheet HTML 40Page - Microchip Technology PIC16F870/SP Datasheet HTML 41Page - Microchip Technology PIC16F870/SP Datasheet HTML 42Page - Microchip Technology PIC16F870/SP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 39
PIC16F870/871
4.0
DATA EEPROM AND FLASH
PROGRAM MEMORY
The Data EEPROM and FLASH Program Memory are
readable and writable during normal operation over the
entire VDD range. A bulk erase operation may not be
issued from user code (which includes removing code
protection). The data memory is not directly mapped in
the register file space.
Instead, it is indirectly
addressed through the Special Function Registers
(SFR).
There are six SFRs used to read and write the program
and data EEPROM memory. These registers are:
• EECON1
• EECON2
• EEDATA
• EEDATH
• EEADR
• EEADRH
The EEPROM data memory allows byte read and write.
When interfacing to the data memory block, EEDATA
holds the 8-bit data for read/write and EEADR holds the
address of the EEPROM location being accessed. The
registers EEDATH and EEADRH are not used for data
EEPROM access. The PIC16F870/871 devices have
64 bytes of data EEPROM with an address range from
0h to 3Fh.
The EEPROM data memory is rated for high erase/
write cycles. The write time is controlled by an on-chip
timer. The write time will vary with voltage and temper-
ature, as well as from chip-to-chip. Please refer to the
specifications for exact limits.
The program memory allows word reads and writes.
Program memory access allows for checksum calcula-
tion and calibration table storage. A byte or word write
automatically erases the location and writes the new
data (erase before write). Writing to program memory
will cease operation until the write is complete. The pro-
gram memory cannot be accessed during the write,
therefore code cannot execute. During the write opera-
tion, the oscillator continues to clock the peripherals,
and therefore, they continue to operate. Interrupt
events will be detected and essentially “queued” until
the write is completed. When the write completes, the
next instruction in the pipeline is executed and the
branch to the interrupt vector address will occur.
When interfacing to the program memory block, the
EEDATH:EEDATA registers form a two byte word,
which holds the 14-bit data for read/write. The
EEADRH:EEADR registers form a two byte word,
which holds the 13-bit address of the FLASH location
being accessed. The PIC16F870/871 devices have 2K
words of program FLASH with an address range from
0h to 7FFh. The unused upper bits in both the EEDATH
and EEDATA registers all read as “0’s”.
The value written to program memory does not need to
be a valid instruction. Therefore, up to 14-bit numbers
can be stored in memory for use as calibration param-
eters, serial numbers, packed 7-bit ASCII, etc. Execut-
ing a program memory location containing data that
forms an invalid instruction results in a NOP.
4.1
EEADR
The address registers can address up to a maximum of
256 bytes of data EEPROM or up to a maximum of 8K
words of program FLASH. However, the PIC16F870/
871 have 64 bytes of data EEPROM and 2K words of
program FLASH.
When selecting a program address value, the MSByte
of the address is written to the EEADRH register and
the LSByte is written to the EEADR register. When
selecting a data address value, only the LSByte of the
address is written to the EEADR register.
On the PIC16F870/871 devices, the upper two bits of
the EEADR must always be cleared to prevent inad-
vertent access to the wrong location in data EEPROM.
This also applies to the program memory. The upper
five MSbits of EEADRH must always be clear during
program FLASH access.
4.2
EECON1 and EECON2 Registers
EECON1 is the control register for memory accesses.
EECON2 is not a physical register. Reading EECON2
will read all '0's. The EECON2 register is used
exclusively in the memory write sequence.
Control bit EEPGD determines if the access will be a
program or a data memory access. When clear, any
subsequent operations will operate on the data mem-
ory. When set, any subsequent operations will operate
on the program memory.
Control bits RD and WR initiate read and write opera-
tions, respectively. These bits cannot be cleared, only
set, in software. They are cleared in hardware at the
completion of the read or write operation. The inability
to clear the WR bit in software prevents the accidental
or premature termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. The WRERR bit is
set when a write operation is interrupted by a MCLR
reset or a WDT time-out reset during normal operation.
In these situations, following reset, the user can check
the WRERR bit and rewrite the location. The value of
the data and address registers and the EEPGD bit
remains unchanged.
Interrupt flag bit EEIF, in the PIR2 register, is set when
write is complete. It must be cleared in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com