Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT-C Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MAT-C
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MAT-C Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MAT-C Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
DV
TV
◆SPECIFICATIONS
◆RECOMMEND CIRCUIT MODEL IMAGE
Series
Size Code
TV
−55∼+105℃
Maximum Rated Voltage 6.3Vdc
T55
T60
68∼180μF
100∼220μF
±25%
≦0.5CV
≦0.8CV
Multi voltage capacitor on one package
 DV:2 Voltage line Decoupling
 TV:3 Voltage line Decoupling
◆FEATURES
Decoupling capacitors with underside & multi terminal structure.
RoHS compliance.
Category Temperature Range
Rated Voltage Range
Total Capacitance Range
Capacitance Tolerance(20℃, 120Hz)
Leakage Current(μA/after 5 minutes)
Within ±20% of the initial value
≦300% of initial specified value
≦200% of initial specified value
ΔC
tanδ
LC
Endurance
(105℃, 1000hrs, Rated Voltage applied)
T60
82∼150μF
DV
T55
47∼120μF
MAT-C
NEW
NEW
SERIES
SERIES
◆DIMENSIONS
(mm)
Size Code
W
5.65
6.15
L
5.65
6.15
H
1.0
1.4
1.0
1.4
T55L
T55M
T60L
T60M
For details, please contact our sales offices.
Impedance characteristics image
Reduction of“Z-axis”power line
Miniaturization of a PCB board
Decrease of mounted capacitors
Simplifying decoupling circuits
Streamlined de-coupling circuit
POL circuit
“C”
POL circuit
“B”
POL circuit
“A”
GND LINE
Main CPU
MAT-C
MAT-C
MAT-C
MLCC
L
Index mark
0.10


Similar Part No. - MAT-C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT-04A AD-MAT-04A Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT-04AY AD-MAT-04AY Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT-04B AD-MAT-04B Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT-04BY AD-MAT-04BY Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
More results

Similar Description - MAT-C

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com