Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2957ISX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2957ISX/NOPB
Description  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957ISX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2957ISX/NOPB Datasheet HTML 1Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 2Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 3Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 4Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 5Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 6Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 7Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 8Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2957, LP2957A
www.ti.com
SNVS102C – JUNE 1998 – REVISED APRIL 2013
LP2957/LP2957A 5V Low-Dropout Regulator for µP Applications
Check for Samples: LP2957, LP2957A
1
FEATURES
DESCRIPTION
The LP2957 is a 5V micropower voltage regulator
2
5V Output within 1.4% Over Temperature (A
with
electronic
shutdown,
error
flag,
very
low
Grade)
quiescent current (150 µA typical at 1 mA load), and
Easily Programmed for Snap-On/Snap-Off
very low dropout voltage (470 mV typical at 250 mA
Output
load current).
Ensured 250 mA Output Current
Output can be wired for snap-on/snap-off operation to
Extremely Low Quiescent Current
eliminate transition voltage states where µP operation
may be unpredictable.
Low Input-Output Voltage Required for
Regulation
Output crowbar (50 mA typical pull-down current) will
Reverse Battery Protection
bring down the output quickly when the regulator
snaps off or when the shutdown function is activated.
Extremely Tight Line and Load Regulation
The part has tight line and load regulation (0.04%
Very Low Temperature Coefficient
typical) and low output temperature coefficient (20
Current and Thermal Limiting
ppm/°C typical).
Error Flag Signals when Output is out of
The accuracy of the 5V output is ensured at room
Regulation
temperature and over the full operating temperature
range.
APPLICATIONS
The LP2957 is available in the five-lead TO-220 and
High-Efficiency Linear Regulator
DDPAK/TO-263 packages.
Battery-Powered Regulator
Package Outline
Top View
Top View
Figure 1. Bent, Staggered Leads
Figure 2. Plastic Surface Mount Package
5-Lead TO-220 Package
5-Lead DDPAK/TO-263 Package
See Package Number NDH0005D
See Package Number KTT0005B
Side View
Figure 3. See Package Number KTT0005B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2957ISX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957IS NSC-LP2957IS Datasheet
378Kb / 14P
5V Low-Dropout Regulator for P Applications
More results

Similar Description - LP2957ISX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
5V Low-Dropout Regulator for P Applications
logo
Linear Technology
LT1528 LINER-LT1528 Datasheet
248Kb / 12P
3A Low Dropout Regulator for Microprocessor Applications
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
logo
Linear Technology
LT1528 LINER-LT1528_15 Datasheet
172Kb / 12P
3A Low Dropout Regulator for Microprocessor Applications
logo
Texas Instruments
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com