Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2992 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2992 Datasheet(HTML) 5 Page - Texas Instruments

  LP2992_15 Datasheet HTML 1Page - Texas Instruments LP2992_15 Datasheet HTML 2Page - Texas Instruments LP2992_15 Datasheet HTML 3Page - Texas Instruments LP2992_15 Datasheet HTML 4Page - Texas Instruments LP2992_15 Datasheet HTML 5Page - Texas Instruments LP2992_15 Datasheet HTML 6Page - Texas Instruments LP2992_15 Datasheet HTML 7Page - Texas Instruments LP2992_15 Datasheet HTML 8Page - Texas Instruments LP2992_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LP2992
www.ti.com
SNVS171H – NOVEMBER 2001 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2 V. MIN (minimum) and
MAX (maximum) limits apply over the recommended operating temperature range unless otherwise noted; typical limits apply
for TA = TJ = 25°C.
LP2992AI-X.X(1)
LP2992I-X.X (1)
PARAMETER
TEST CONDITIONS
TYP
UNIT
MIN
MAX
MIN
MAX
IL = 1 mA, TJ = 25°C
−1
1
−1.5
1.5
1 mA
≤ IL ≤ 50 mA, TJ = 25°C
−1.5
1.5
−2.5
2.5
ΔVOUT
Output voltage tolerance
1 mA
≤ IL ≤ 50 mA
−2.5
2.5
−3.5
3.5
%VNOM
1 mA
≤ IL ≤ 250 mA, TJ = 25°C
−3.5
3.5
−4
4
1 mA
≤ IL ≤ 250 mA
−4.5
4.5
−5
5
VOUT(NOM) + 1 V ≤ VIN ≤ 16 V
0.007
0.014
0.014
TJ = 25°C
ΔVOUT/ΔVIN Output voltage line regulation
%/V
VOUT(NOM) + 1 V ≤ VIN ≤ 16 V
0.032
0.032
VIN(min)
Minimum input voltage required to maintain output regulation
2.05
2.2
2.2
V
IL = 0 mA, TJ = 25°C
0.5
2.5
2.5
IL = 0 mA
4
4
IL = 1 mA, TJ = 25°C
5
9
9
IL = 1 mA
12
12
IL = 50 mA, TJ = 25°C
100
125
125
VIN – VOUT
Dropout voltage(2)
mV
IL = 50 mA
180
180
IL = 150 mA, TJ = 25°C
260
325
325
IL = 150 mA
470
470
IL = 250 mA, TJ = 25°C
450
575
575
IL = 250 mA
850
850
IL = 0 mA, TJ = 25°C
65
95
95
IL = 0 mA
125
125
IL = 1 mA, TJ = 25°C
75
110
110
IL = 1 mA
170
170
IL = 50 mA, TJ = 25°C
350
600
600
IL = 50 mA
1000
1000
IGND
Ground pin current
µA
IL = 150 mA, TJ = 25°C
850
1500
1500
IL = 150 mA
2500
2500
IL = 250 mA, TJ = 25°C
1500
2300
2300
IL = 250 mA
4000
4000
VON/OFF < 0.3 V, TJ = 25°C
0.01
0.8
0.8
VON/OFF < 0.15 V
0.05
2
2
High = O/P ON
1.4
1.6
1.6
VON/OFF
ON/OFF input voltage(3)
V
Low = O/P OFF
0.55
0.15
0.15
VON/OFF = 0
0.01
–2
–2
ION/OFF
ON/OFF input current
µA
VON/OFF = 5 V
5
15
15
Bandwidth = 300 Hz to 50 kHz
en
Output noise voltage (RMS)
COUT = 10 µF
30
µV
CBYPASS = 10 nF
f = 1 kHz, CBYPASS = 10 nF
ΔVOUT/ΔVIN Ripple rejection
45
dB
COUT = 10 µF
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
VIN must be the greater of 2.2 V or VOUT(NOM) + dropout voltage to maintain output regulation. Dropout voltage is defined as the input-to-
output differential at which the output voltage drops 2% below the value measured with a 1-V differential.
(3)
The ON/OFF input must be properly driven to prevent possible mis-operation. For details, see Operation with ON/OFF Control.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com