Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-ADJ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-ADJ/NOPB
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-ADJ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP3855ES-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
2
3
4
5
SD
VIN VOUT
GND
ADJ
LP3855-ADJ
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Top View
Top View
Figure 1. TO-220-5 Package
Figure 2. DDPAK/TO-263-5 Package
Bent, Staggered Leads
See Package Number KTT0005B
See Package Number NDH0005D
Top View
Figure 3. SOT-223-5 Package
See Package Number NDC0005A
Table 1. PIN DESCRIPTIONS FOR TO-220-5 and DDPAK/TO-263-5 Packages
LP3855-ADJ
Pin #
Name
Function
1
SD
Shutdown
2
VIN
Input Supply
3
GND
Ground
4
VOUT
Output Voltage
5
ADJ
Set Output Voltage
Table 2. PIN DESCRIPTIONS for SOT-223-5 Package
LP3855-ADJ
Pin #
Name
Function
1
SD
Shutdown
2
VIN
Input Supply
3
VOUT
Output Voltage
4
ADJ
Set Output Voltage
5
GND
Ground
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3855-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com