Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3873 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3873_15 Datasheet HTML 9Page - Texas Instruments LP3873_15 Datasheet HTML 10Page - Texas Instruments LP3873_15 Datasheet HTML 11Page - Texas Instruments LP3873_15 Datasheet HTML 12Page - Texas Instruments LP3873_15 Datasheet HTML 13Page - Texas Instruments LP3873_15 Datasheet HTML 14Page - Texas Instruments LP3873_15 Datasheet HTML 15Page - Texas Instruments LP3873_15 Datasheet HTML 16Page - Texas Instruments LP3873_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+
-
+
-
SS:0.55V
OP:2V
0.45V
high clamp
low clamp
COMPx
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
Figure 23. Error Flag Operation
SENSE PIN
In applications where the regulator output is not very close to the load, LP3876 can provide better remote load
regulation using the SENSE pin. Figure 24 depicts the advantage of the SENSE option. LP3873 regulates the
voltage at the output pin. Hence, the voltage at the remote load will be the regulator output voltage minus the
drop across the trace resistance. For example, in the case of a 3.3V output, if the trace resistance is 100m
Ω, the
voltage at the remote load will be 3V with 3A of load current, ILOAD. The LP3876 regulates the voltage at the
sense pin. Connecting the sense pin to the remote load will provide regulation at the remote load, as shown in
Figure 24. If the sense option pin is not required, the sense pin must be connected to the VOUT pin.
Figure 24. Improving remote load regulation using LP3876
SHUTDOWN OPERATION
A CMOS Logic level signal at the shutdown ( SD) pin will turn-off the regulator. Pin SD must be actively
terminated through a 10k
Ω pull-up resistor for a proper operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail to rail comparator), the pull-up resistor is not required. This pin must be
tied to Vin if not used.
DROPOUT VOLTAGE
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the nominal output voltage. For CMOS LDOs, the dropout voltage is the product of the load current and
the Rds(on) of the internal MOSFET.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com