Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3852ES-2.5/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3852ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3852ES-2.5/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3852ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 12Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 13Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 14Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 15Page - Texas Instruments LP3852ES-2.5/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
9.3 Feature Description
9.3.1 SENSE Pin
In applications where the regulator output is not very close to the load, LP3855 can provide better remote load
regulation using the SENSE pin. Figure 16 depicts the advantage of the SENSE option. The LP3852 regulates
the voltage at the OUT pin. Hence, the voltage at the remote load will be the regulator output voltage minus the
drop across the trace resistance. For example, in the case of a 3.3-V output, if the trace resistance is 100 m
Ω,
the voltage at the remote load will be 3.15 V with 1.5 A of load current, ILOAD. The LP3855 regulates the voltage
at the SENSE pin. Connecting the SENSE pin to the remote load will provide regulation at the remote load, as
shown in Figure 16. If the SENSE pin is not required, the SENSE pin must be connected to the OUT pin.
Figure 16. Improving Remote Load Regulation Using LP3855
9.3.2 SHUTDOWN (SD) Operation
A CMOS Logic low level signal at the SD pin will turn off the regulator. SD must be actively terminated through a
10-k
Ω pullup resistor for a proper operation. If this pin is driven from a source that actively pulls high and low
(such as a CMOS rail-to-rail comparator), the pullup resistor is not required. This pin must be tied to VIN if not
used.
The SD pin threshold has no voltage hysteresis. If the SD pin is actively driven, the voltage transition must rise
and fall cleanly and promptly.
9.3.3 Dropout Voltage
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the nominal output voltage. For CMOS LDOs, the dropout voltage is the product of the load current and
the Rds(on) of the internal MOSFET.
9.3.4 Reverse Current Path
The internal MOSFET in LP3852 and LP3855 has an inherent parasitic diode. During normal operation, the input
voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
200-mA continuous and 1-A peak.
9.3.5 Short-Circuit Protection
The LP3852 and LP3855 are short-circuit protected and in the event of a peak overcurrent condition, the short-
circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts
down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the
thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency. Please refer to for power
dissipation calculations.
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com