Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3961 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961 Datasheet(HTML) 5 Page - Texas Instruments

  LP3961 Datasheet HTML 1Page - Texas Instruments LP3961 Datasheet HTML 2Page - Texas Instruments LP3961 Datasheet HTML 3Page - Texas Instruments LP3961 Datasheet HTML 4Page - Texas Instruments LP3961 Datasheet HTML 5Page - Texas Instruments LP3961 Datasheet HTML 6Page - Texas Instruments LP3961 Datasheet HTML 7Page - Texas Instruments LP3961 Datasheet HTML 8Page - Texas Instruments LP3961 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LP3961, LP3964
www.ti.com
SNVS056J – MAY 2000 – REVISED JUNE 2015
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 10 mA, COUT = 33 µF, VSD = VIN – 0.3 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VO
Output voltage tolerance(3)
10 mA
≤ IL ≤ 800 mA,
–1.5%
0%
1.5%
VOUT + 1 ≤ VIN ≤ 7 V
10 mA
≤ IL ≤ 800 mA,
VOUT + 1 ≤ VIN ≤ 7 V,
–3%
3%
–40°C
≤ TJ ≤ 125°C
VADJ
Adjust pin voltage (ADJ version)
10 mA
≤ IL ≤ 800 mA,
1.198
1.216
1.234
VOUT + 1.5 V ≤ VIN ≤ 7 V
V
10 mA
≤ IL ≤ 800 mA,
VOUT + 1.5 V ≤ VIN ≤ 7 V,
1.180
1.253
–40°C
≤ TJ ≤ 125°C
ΔVOL
Output voltage line regulation(3)
VOUT + 1 V < VIN < 7 V
0.02%
VOUT + 1 V < VIN < 7 V,
0.06%
–40°C
≤ TJ ≤ 125°C
ΔVO /
Output voltage load regulation(3)
10 mA < IL < 800 mA
0.02%
ΔIOUT
10 mA < IL < 800 mA,
0.08%
–40°C
≤ TJ ≤ 125°C
VIN – VOUT Dropout voltage
(4)
IL = 80 mA
24
30
IL = 80 mA, –40°C ≤ TJ ≤ 125°C
35
mV
IL = 800 mA
240
300
IL = 800 mA, –40°C ≤ TJ ≤ 125°C
350
IGND
Ground pin current in normal
IL = 80 mA
3
9
operation mode
IL = 80 mA, –40°C ≤ TJ ≤ 125°C
10
mA
IL = 800 mA
4
14
IL = 800 mA, –40°C ≤ TJ ≤ 125°C
15
IGND
Ground pin current in shutdown
VSD ≤ 0.2 V
15
25
µA
mode(5)
VSD ≤ 0.2 V, –40°C ≤ TJ ≤ 125°C
75
IO(PK)
Peak output current
See(6)
1.2
1.5
A
See(6), –40°C
≤ TJ ≤ 125°C
1.1
SHORT-CIRCUIT PROTECTION
ISC
Short-circuit current
2.8
A
OVERTEMPERATURE PROTECTION
Tsh(t)
Shutdown threshold
165
°C
Tsh(h)
Thermal shutdown hysteresis
10
°C
SHUTDOWN INPUT
Output = High
VIN
Output = High, –40°C
≤ TJ ≤
VIN – 0.3
125°C
VSDT
Shutdown threshold
V
Output = Low
0
Output = Low, –40°C
≤ TJ ≤ 125°C
0.2
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input-to-output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5 V and above. For output voltages below 2.5 V, the drop-out voltage
is nothing but the input-to-output differential voltage because the minimum input voltage is 2.5 V.
(5)
This specification has been tested for –40°C
≤ TJ ≤ 85°C because the temperature rise of the device is negligible under shutdown
conditions.
(6)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = (TJ(MAX) – TA) / RθJA.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3961 LP3964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com