Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ESX-3.3/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ESX-3.3/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ESX-3.3/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3855ESX-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ESX-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OUT
GND
LP3855-2.5
COUT*
10 2F
CIN*
INPUT
VOUT
10 2F
SD
SD
**
SENSE
2.5V, 1.5A
3.3V ± 10%
* TANTALUM OR CERAMIC
IN
OUT
IN
GND
LP3852-2.5
COUT*
10 2F
CIN*
INPUT
VOUT
10 2F
ERROR
**
SD
SD
**
ERROR
2.5V, 1.5A
3.3V ± 10%
* TANTALUM OR CERAMIC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
LP385x 1.5-A Fast Response Ultra-Low Dropout Linear Regulators
1 Features
3 Description
The LP3852 and LP3855 series of fast ultra-low
1
•
Input Supply Voltage: 2.5 V to 7 V
dropout linear regulators operate from a 2.5-V to 7-V
•
Ultra-Low Dropout Voltage
input supply. A wide range of preset output voltage
•
Stable with Selected Ceramic Capacitors
options are available. These ultra-low dropout linear
regulators respond very quickly to step changes in
•
Low Ground-Pin Current
load, which makes them suitable for low voltage
•
Load Regulation of 0.06%
microprocessor
applications.
The
LP3852
and
•
10-nA Quiescent Current in Shutdown Mode
LP3855 are developed on a CMOS process which
allows low quiescent-current operation independent
•
Specified Output Current of 1.5 A DC
of output load current, typically 4 mA at 1.5-A load
•
Output Voltage Accuracy ± 1.5%
current. This CMOS process also allows the LP3852
•
ERROR Pin Indicates Output Status
and LP3855 to operate under extremely low dropout
•
SENSE Option Improves Load Regulation
conditions, typically 24 mV at 150-mA load current
and 240 mV at 1.5-A load current.
•
Overtemperature/Overcurrent Protection
•
−40°C to 125°C Junction Temperature Range
The LP3852 has an ERROR pin; it goes low when
the output voltage drops 10% below nominal value.
The LP3855 has a SENSE pin to improves regulation
2 Applications
at remote loads.
•
Microprocessor Power Supplies
The LP3852 and LP3855 are available with fixed
•
GTL, GTL+, BTL, and SSTL Bus Terminators
output voltages from 1.8 V to 5 V with a specified
•
Power Supplies for DSPs
accuracy of ±1.5% at room temperature, and ±3%
•
SCSI Terminator
over
all
conditions
(varying
line,
load,
and
temperature). Contact Texas Instruments Sales for
•
Post Regulators
specific voltage option needs.
•
High Efficiency Linear Regulators
•
Battery Chargers
Device Information(1)
•
Other Battery Powered Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT (5)
6.50 mm x 3.56 mm
LP3852
TO-263 (5)
10.16 mm x 8.42 mm
LP3855
TO-220 (5)
14.986 mm x 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematics
**SD and ERROR pins must be pulled high through a 10-k
Ω pull-up resistor. Connect the ERROR pin to ground if this
function is not used.
**SD must be pulled high through a 10-k
Ω pull-up resistor.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3855ESX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3855ESX-3.3 NSC-LP3855ESX-3.3 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3855ESX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com