Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC110 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC110
Description  PFM/PWM Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC110 Datasheet(HTML) 2 Page - Microchip Technology

  TC110 Datasheet HTML 1Page - Microchip Technology TC110 Datasheet HTML 2Page - Microchip Technology TC110 Datasheet HTML 3Page - Microchip Technology TC110 Datasheet HTML 4Page - Microchip Technology TC110 Datasheet HTML 5Page - Microchip Technology TC110 Datasheet HTML 6Page - Microchip Technology TC110 Datasheet HTML 7Page - Microchip Technology TC110 Datasheet HTML 8Page - Microchip Technology TC110 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC110
DS21355B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Voltage on VDD,VOUT, SHDN Pins ........ -0.3V to +12V
EXT Output Current ................................... ±100mA pk
Voltage on EXT Pin ........................-0.3V to VDD +0.3V
Power Dissipation.............................................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC110 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Note 1, VIN =0.6 x VR,VDD =VOUT,TA =25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Operating Supply Voltage
2.0
—
10.0
V
Note 2
VSTART
Start-Up Supply Voltage
—
—
0.9
V
IOUT =1mA
VHOLD-UP Oscillator Hold-Up Voltage
—
—
0.7
V
IOUT =1mA
IDD
Boost Mode Supply Current
—
—
—
—
—
—
120
130
180
50
50
70
190
200
280
90
100
120
µAV
OUT = SHDN = (0.95 x VR); fOSC =300kHz; VR =3.0V
VR =3.3V
VR =5.0V
fOSC = 100kHz; VR =3.0V
VR =3.3V
VR =5.0V
ISTBY
Standby Supply Current
—
—
—
—
—
—
20
20
22
11
11
11
34
35
38
20
20
22
µAVOUT = SHDN =(VR +0.5V); fOSC =300kHz; VR =3.0V
VR =3.3V
VR =5.0V
fOSC = 100kHz; VR =3.0V
VR =3.3V
VR =5.0V
ISHDN
Shutdown Supply Current
—
0.05
0.5
µA SHDN =GND, V
O =(VR x0.95)
fOSC
Oscillator Frequency
255
85
300
100
345
115
kHz
VOUT = SHDN = (0.95 x VR); fOSC =300kHz
fOSC = 100kHz
VOUT
Output Voltage
VR
x0.975
VR
VR
x1.025
VNote 3
DTYMAX
Maximum Duty Cycle
(PWM Mode)
——
92
%
VOUT = SHDN =0.95x VR
DTYPFM
Duty Cycle (PFM Mode)
15
25
35
%
IOUT =0mA
VIH
SHDN Input Logic High
0.65
—
—
V
VOUT =(VR x0.95)
VIL
SHDN Input Logic Low
—
—
0.20
V
VOUT =(VR x0.95)
REXTH
EXT ON Resistance to VDD
—
—
—
32
29
20
47
43
29
Ω
VOUT = SHDN =(VR x0.95); VR =3.0V
VR =3.3V
VEXT =(VOUT –0.4V)
VR =5.0V
REXTL
EXT ON Resistance to GND
—
—
—
20
19
13
30
27
19
Ω
VOUT = SHDN =(VR x0.95); VR =3.0V
VR =3.3V
VEXT =0.4V
VR =5.0V
η
Efficiency
—
84
—
%
Note
1:
VR =3.0V, IOUT =120mA
VR =3.3V, IOUT =130mA
VR =5.0V, IOUT =200mA
2:
See Application Notes “Operating Mode” description for clarification.
3:
VR is the factory output voltage setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com