Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/PT Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC17C752-08/PT
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PT Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC17C752-08/PT Datasheet HTML 40Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 41Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 42Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 43Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 44Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 45Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 46Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 47Page - Microchip Technology PIC17C752-08/PT Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 320 page
background image
PIC17C75X
DS30264A-page 44
Preliminary
© 1997 Microchip Technology Inc.
TABLE 7-3: SPECIAL FUNCTION REGISTERS
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
resets (3)
Unbanked
00h
INDF0
Uses contents of FSR0 to address data memory (not a physical register)
---- ----
---- ----
01h
FSR0
Indirect data memory address pointer 0
xxxx xxxx
uuuu uuuu
02h
PCL
Low order 8-bits of PC
0000 0000
0000 0000
03h(1)
PCLATH
Holding register for upper 8-bits of PC
0000 0000
uuuu uuuu
04h
ALUSTA
FS3
FS2
FS1
FS0
OV
Z
DC
C
1111 xxxx
1111 uuuu
05h
T0STA
INTEDG
T0SE
T0CS
T0PS3
T0PS2
T0PS1
T0PS0
—
0000 000-
0000 000-
06h(2)
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 1100
--11 qquu
07h
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
08h
INDF1
Uses contents of FSR1 to address data memory (not a physical register)
---- ----
---- ----
09h
FSR1
Indirect data memory address pointer 1
xxxx xxxx
uuuu uuuu
0Ah
WREG
Working register
xxxx xxxx
uuuu uuuu
0Bh
TMR0L
TMR0 register; low byte
xxxx xxxx
uuuu uuuu
0Ch
TMR0H
TMR0 register; high byte
xxxx xxxx
uuuu uuuu
0Dh
TBLPTRL
Low byte of program memory table pointer
0000 0000
0000 0000
0Eh
TBLPTRH
High byte of program memory table pointer
0000 0000
0000 0000
0Fh
BSR
Bank select register
0000 0000
0000 0000
Bank 0
10h
PORTA
RBPU
—
RA5/TX1/
CK1
RA4/RX1/
DT1
RA3/SDI/
SDA
RA2/SS/
SCL
RA1/T0CKI
RA0/INT
0-xx xxxx
0-uu uuuu
11h
DDRB
Data direction register for PORTB
1111 1111
1111 1111
12h
PORTB
RB7/
SDO
RB6/
SCK
RB5/
TCLK3
RB4/
TCLK12
RB3/
PWM2
RB2/
PWM1
RB1/
CAP2
RB0/
CAP1
xxxx xxxx
uuuu uuuu
13h
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
14h
RCREG1
Serial port receive register
xxxx xxxx
uuuu uuuu
15h
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
16h
TXREG1
Serial Port Transmit Register (for USART1)
xxxx xxxx
uuuu uuuu
17h
SPBRG1
Baud Rate Generator Register (for USART1)
xxxx xxxx
uuuu uuuu
Bank 1
10h
DDRC
Data direction register for PORTC
1111 1111
1111 1111
11h
PORTC
RC7/
AD7
RC6/
AD6
RC5/
AD5
RC4/
AD4
RC3/
AD3
RC2/
AD2
RC1/
AD1
RC0/
AD0
xxxx xxxx
uuuu uuuu
12h
DDRD
Data direction register for PORTD
1111 1111
1111 1111
13h
PORTD
RD7/
AD15
RD6/
AD14
RD5/
AD13
RD4/
AD12
RD3/
AD11
RD2/
AD10
RD1/
AD9
RD0/
AD8
xxxx xxxx
uuuu uuuu
14h
DDRE
Data direction register for PORTE
---- 1111
---- 1111
15h
PORTE
—
—
—
—
RE3/
CAP4
RE2/WR
RE1/OE
RE0/ALE
---- xxxx
---- uuuu
16h
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
Legend:
x = unknown, u = unchanged, - = unimplemented read as '0', q - value depends on condition. Shaded cells are unimplemented, read as '0'.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<15:8> whose contents are updated
from or transferred to the upper byte of the program counter.
2:
The TO and PD status bits in CPUSTA are not affected by a MCLR reset.
3:
Other (non power-up) resets include: external reset through MCLR and Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com