Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660EV Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7660EV
Description  Charge Pump DC-TO-DC Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EV Datasheet(HTML) 3 Page - Microchip Technology

  TC7660EV Datasheet HTML 1Page - Microchip Technology TC7660EV Datasheet HTML 2Page - Microchip Technology TC7660EV Datasheet HTML 3Page - Microchip Technology TC7660EV Datasheet HTML 4Page - Microchip Technology TC7660EV Datasheet HTML 5Page - Microchip Technology TC7660EV Datasheet HTML 6Page - Microchip Technology TC7660EV Datasheet HTML 7Page - Microchip Technology TC7660EV Datasheet HTML 8Page - Microchip Technology TC7660EV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
TC1044S
Charge Pump DC-TO-DC Voltage Converter
TC1044S-12 9/16/96
© 2001 Microchip Technology Inc.
DS21348A
Circuit Description
The TC1044S contains all the necessary circuitry to
implement a voltage inverter, with the exception of two
external capacitors, which may be inexpensive 10
µF polar-
ized electrolytic capacitors. Operation is best understood by
considering Figure 2, which shows an idealized voltage
inverter. Capacitor C1 is charged to a voltage, V
+, for the half
cycle when switches S1 and S3 are closed. (Note: Switches
S2 and S4 are open during this half cycle.) During the second
half cycle of operation, switches S2 and S4 are closed, with
S1 and S3 open, thereby shifting capacitor C1 negatively by
V
+ volts. Charge is then transferred from C
1 to C2, such that
the voltage on C2 is exactly V
+, assuming ideal switches and
no load on C2.
The four switches in Figure 2 are MOS power switches;
S1 is a P-channel device, and S2, S3 and S4 are N-channel
devices. The main difficulty with this approach is that in
integrating the switches, the substrates of S3 and S4 must
always remain reverse-biased with respect to their sources,
but not so much as to degrade their ON resistances. In
addition, at circuit start-up, and under output short circuit
conditions (VOUT = V
+), the output voltage must be sensed
and the substrate bias adjusted accordingly. Failure to
accomplish this will result in high power losses and probable
device latch-up.
This problem is eliminated in the TC1044S by a logic
network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of
S3 and S4 to the correct level to maintain necessary reverse
bias.
Figure 2. Idealized Charge Pump Inverter
V+
GND
S3
S1
S2
S4
C2
VOUT = – VIN
C1
The voltage regulator portion of the TC1044S is an
integral part of the anti-latch-up circuitry. Its inherent voltage
drop can, however, degrade operation at low voltages. To
improve low-voltage operation, the “LV” pin should be
connected to GND, disabling the regulator. For supply
voltages greater than 3.5V, the LV terminal must be left
open to ensure latch-up-proof operation and prevent device
damage.
Theoretical Power Efficiency
Considerations
In theory, a capacitive charge pump can approach
100% efficiency if certain conditions are met:
(1) The drive circuitry consumes minimal power.
(2) The output switches have extremely low ON
resistance and virtually no offset.
(3) The impedances of the pump and reservoir
capacitors are negligible at the pump frequency.
The TC1044S approaches these conditions for nega-
tive voltage multiplication if large values of C1 and C2 are
used. Energy is lost only in the transfer of charge
between capacitors if a change in voltage occurs. The
energy lost is defined by:
E = 1/2 C1 (V1
2 – V22)
V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 2) compared to
the value of RL, there will be a substantial difference in
voltages V1 and V2. Therefore, it is desirable not only to
make C2 as large as possible to eliminate output voltage
ripple, but also to employ a correspondingly large value for
C1 in order to achieve maximum efficiency of operation.
1
2
3
4
8
7
6
5
TC1044S
+
V+
(+5V)
VOUT
C1
1
µF
COSC*
+
C2
10
µF
IL
RL
IS
V+
NOTE: For large values of COSC (>1000pF), the values
of C1 and C2 should be increased to 100
µF.
Figure 1. TC1044S Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com