| Electronic Components Datasheet Search |
|
PIC16C72-10/SP Datasheet(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C72-10/SP Datasheet(HTML) 23 Page - Microchip Technology |
|
23 / 124 page ![]() PIC16C72 Series © 1998 Microchip Technology Inc. Preliminary DS39016A-page 23 3.3 PORTC and the TRISC Register PORTC is an 8-bit wide bi-directional port. The corre- sponding data direction register is TRISC. Setting a TRISC bit (=1) will make the corresponding PORTC pin an input, i.e., put the corresponding output driver in a hi-impedance mode. Clearing a TRISC bit (=0) will make the corresponding PORTC pin an output, i.e., put the contents of the output latch on the selected pin. PORTC is multiplexed with several peripheral functions (Table 3-5). PORTC pins have Schmitt Trigger input buffers. When enabling peripheral functions, care should be taken in defining TRIS bits for each PORTC pin. Some peripherals override the TRIS bit to make a pin an out- put, while other peripherals override the TRIS bit to make a pin an input. Since the TRIS bit override is in effect while the peripheral is enabled, read-modify- write instructions (BSF, BCF, XORWF) with TRISC as destination should be avoided. The user should refer to the corresponding peripheral section for the correct TRIS bit settings. EXAMPLE 3-1: INITIALIZING PORTC BCF STATUS, RP0 ; Select Bank 0 CLRF PORTC ; Initialize PORTC by ; clearing output ; data latches BSF STATUS, RP0 ; Select Bank 1 MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISC ; Set RC<3:0> as inputs ; RC<5:4> as outputs ; RC<7:6> as inputs FIGURE 3-5: PORTC BLOCK DIAGRAM (PERIPHERAL OUTPUT OVERRIDE) PORT/PERIPHERAL Select(2) Data bus WR PORT WR TRIS RD Data Latch TRIS Latch RD TRIS Schmitt Trigger Q D Q CK Q D EN Peripheral Data Out 0 1 Q D Q CK P N VDD VSS PORT Peripheral OE(3) Peripheral input I/O pin(1) Note 1: I/O pins have diode protection to VDD and VSS. 2: Port/Peripheral select signal selects between port data and peripheral output. 3: Peripheral OE (output enable) is only activated if peripheral select is active. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |