Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765TI/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16C765TI/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765TI/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16C765TI/P Datasheet HTML 35Page - Microchip Technology PIC16C765TI/P Datasheet HTML 36Page - Microchip Technology PIC16C765TI/P Datasheet HTML 37Page - Microchip Technology PIC16C765TI/P Datasheet HTML 38Page - Microchip Technology PIC16C765TI/P Datasheet HTML 39Page - Microchip Technology PIC16C765TI/P Datasheet HTML 40Page - Microchip Technology PIC16C765TI/P Datasheet HTML 41Page - Microchip Technology PIC16C765TI/P Datasheet HTML 42Page - Microchip Technology PIC16C765TI/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 39
PIC16C745/765
REGISTER 5-1:
PORTE DATA DIRECTION CONTROL REGISTER(1) (TRISE: 89h)
TABLE 5-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
R-0
R-0
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7 :
IBF: Input Buffer Full Status bit
1
= A word has been received and is waiting to be read by the CPU
0
= No word has been received
bit 6:
OBF: Output Buffer Full Status bit
1
= The output buffer still holds a previously written word
0
= The output buffer has been read
bit 5:
IBOV: Input Buffer Overflow Detect bit (in microprocessor mode)
1
= A write occurred when a previously input word has not been read (must be cleared in software)
0
= No overflow occurred
bit 4:
PSPMODE: Parallel Slave Port Mode Select bit
1
= Parallel slave port mode
0
= General purpose I/O mode
bit 3:
Unimplemented: Read as '0'
PORTE Data Direction Bits
bit 2:
TRISE2: Direction Control bit for pin RE2/CS/AN7
1
= Input
0
= Output
bit 1:
TRISE1: Direction Control bit for pin RE1/WR/AN6
1
= Input
0
= Output
bit 0:
TRISE0: Direction Control bit for pin RE0/RD/AN5
1
= Input
0
= Output
Note 1:
PIC16C765 only.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
09h
PORTE(1)
—
—
—
—
—RE2
RE1
RE0
---- -xxx
---- -uuu
89h
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTE.
Note 1:
PIC16C765 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com