| Electronic Components Datasheet Search |
|
PIC16F877-20/P Datasheet(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877-20/P Datasheet(HTML) 88 Page - Microchip Technology |
|
88 / 218 page ![]() PIC16F87X DS30292C-page 86 2001 Microchip Technology Inc. 9.2.13 ACKNOWLEDGE SEQUENCE TIMING An Acknowledge sequence is enabled by setting the Acknowledge Sequence Enable bit, ACKEN (SSPCON2<4>). When this bit is set, the SCL pin is pulled low and the contents of the Acknowledge data bit is presented on the SDA pin. If the user wishes to gen- erate an Acknowledge, the ACKDT bit should be cleared. If not, the user should set the ACKDT bit before starting an Acknowledge sequence. The baud rate generator then counts for one rollover period (TBRG), and the SCL pin is de-asserted high. When the SCL pin is sampled high (clock arbitration), the baud rate generator counts for TBRG. The SCL pin is then pulled low. Following this, the ACKEN bit is automati- cally cleared, the baud rate generator is turned off, and the SSP module then goes into IDLE mode (Figure 9-16). 9.2.13.1 WCOL Status Flag If the user writes the SSPBUF when an Acknowledge sequence is in progress, the WCOL is set and the con- tents of the buffer are unchanged (the write doesn’t occur). FIGURE 9-16: ACKNOWLEDGE SEQUENCE WAVEFORM Note: TBRG = one baud rate generator period. SDA SCL Set SSPIF at the end Acknowledge sequence starts here, Write to SSPCON2 ACKEN automatically cleared Cleared in TBRG TBRG of receive ACK 8 ACKEN = 1, ACKDT = 0 D0 9 SSPIF software Set SSPIF at the end of Acknowledge sequence Cleared in software |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |