Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/P Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16LF870/P
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/P Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16LF870/P Datasheet HTML 36Page - Microchip Technology PIC16LF870/P Datasheet HTML 37Page - Microchip Technology PIC16LF870/P Datasheet HTML 38Page - Microchip Technology PIC16LF870/P Datasheet HTML 39Page - Microchip Technology PIC16LF870/P Datasheet HTML 40Page - Microchip Technology PIC16LF870/P Datasheet HTML 41Page - Microchip Technology PIC16LF870/P Datasheet HTML 42Page - Microchip Technology PIC16LF870/P Datasheet HTML 43Page - Microchip Technology PIC16LF870/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 156 page
background image
PIC16F870/871
DS30569A-page 40
Preliminary
© 1999 Microchip Technology Inc.
REGISTER 4-1:
EECON1 REGISTER (ADDRESS 18Ch)
R/W-x
U-0
U-0
U-0
R/W-x
R/W-0
R/W-0
R/W-0
EEPGD
—
—
—
WRERR
WREN
WR
RD
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n= Value at POR reset
bit7
bit0
bit 7:
EEPGD: Program / Data EEPROM Select bit
1
= Accesses Program memory
0
= Accesses data memory
(This bit cannot be changed while a read or write operation is in progress)
bit 6-4:
Unimplemented: Read as '0'
bit 3:
WRERR: EEPROM Error Flag bit
1
= A write operation is prematurely terminated
(any MCLR reset or any WDT reset during normal operation)
0
= The write operation completed
bit 2:
WREN: EEPROM Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the EEPROM
bit 1:
WR: Write Control bit
1
= Initiates a write cycle. (The bit is cleared by hardware once write is complete.) The WR bit can only
be set (not cleared) in software.
0
= Write cycle to the EEPROM is complete
bit 0:
RD: Read Control bit
1
= Initiates an EEPROM read RD is cleared in hardware. The RD bit can only be set (not cleared) in
software.
0
= Does not initiate an EEPROM read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com