Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1220 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1220
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1220 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1220 Datasheet HTML 5Page - Microchip Technology TC1220 Datasheet HTML 6Page - Microchip Technology TC1220 Datasheet HTML 7Page - Microchip Technology TC1220 Datasheet HTML 8Page - Microchip Technology TC1220 Datasheet HTML 9Page - Microchip Technology TC1220 Datasheet HTML 10Page - Microchip Technology TC1220 Datasheet HTML 11Page - Microchip Technology TC1220 Datasheet HTML 12Page - Microchip Technology TC1220 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002 Microchip Technology Inc.
DS21366B-page 9
TC1219/TC1220
5.0
TYPICAL CHARACTERISTICS
Circuit of Figure 4-3, VIN = +5V, C1 = C2 = C3, TA = 25°C unless otherwise noted.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
60
55
50
45
40
0
30
25
20
15
35
10
5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
Output Resistance
vs. Supply Voltage
65
TC1220
TC1219
CAPACITANCE (
µF)
TC1220
Output Current vs. Capacitance
60
55
50
45
40
25
20
15
35
30
-40
-20
0
20
40
60
80
TEMPERATURE (
°C)
TC1219 Output Resistance
vs. Temperature
65
VIN = 3.3V
VIN = 5.0V
40
35
30
25
20
5
0
15
10
0
10
5
15
25
20
30
45
VIN = 4.75V, VOUT = -4.0V
VIN = 3.15V, VOUT = -2.5V
TC1219
Output Current vs. Capacitance
CAPACITANCE (
µF)
0
10
5
15
20
25
30
CAPACITANCE (
µF)
TC1220
Output Voltage Ripple vs. Capacitance
450
400
350
300
250
50
0
200
150
100
0
10
5
25
20
25
30
CAPACITANCE (
µF)
TC1219
Output Voltage Ripple vs. Capacitance
500
450
400
350
300
250
50
0
200
150
100
500
40
35
30
25
20
5
0
15
10
0
10
5
15
25
20
30 35 40 45 50
45
VIN = 4.75V, VOUT = -4.0V
VIN = 3.15V, VOUT = -2.5V
VIN = 4.75V, VOUT = -4.0V
VIN = 3.15V, VOUT = -2.5V
VIN = 4.75V, VOUT = -4.0V
VIN = 3.15V, VOUT = -2.5V
14
13
12
8
11
10
9
-40
0
-20
20
40
60
80
-40
0
-20
20
40
60
80
TEMPERATURE (
°C)
TC1219
Pump Frequency vs. Temperature
15
140
130
120
100
90
80
70
50
110
60
20
10
0
40
30
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
150
TC1220
TC1219
35
45
40
20
30
25
TEMPERATURE (
°C)
TC1220
Pump Frequency vs. Temperature
VIN = 5.0V
VIN = 5.0V
VIN = 3.3V
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com