Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF68 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Page 17
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
6. Application Information
6.1. Crystal Specification
The RF68 is designed to operate with a low-cost 22, 24 or 26 MHz crystal
Table 13 RF68 Quartz Crystal Reference Oscillator Specification
Symbol
Description
Min
Typ
Max
Unit
FXOSC
Crystal Frequency
-
22
24
26
-
MHz
LM
Crystal Motional Inductance
-
14.970
13.700
12.655
-
mH
CM
Crystal Motional Capacitance
-
3.495
3.209
2.962
-
fF
RS
Crystal Serial Resistance
-
20
100
Ohms
C0
Crystal Shunt Capacitance
-
1.0
7.0
pF
CL
Load Capacitance
-
15
-
pF
6.2. Reference Design
Figure 11. Reference Schematic
The evaluation module, presented in Figure 11, allows for the seamless evaluation of the RF68 circuit. Several BOM
options are offered to evaluate the performance in all frequency bands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com