Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC54A-04/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16LC54A-04/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC54A-04/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16LC54A-04/P Datasheet HTML 17Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 18Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 19Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 20Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 21Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 22Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 23Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 24Page - Microchip Technology PIC16LC54A-04/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 21
PIC16C5X
4.4
OPTION Register
The OPTION register is a 6-bit wide, write-only
register which contains var ious control bits to
configure the Timer0/WDT prescaler and Timer0.
By executing the OPTION instruction, the contents of
the W register will be transferred to the OPTION
register. A RESET sets the OPTION<5:0> bits.
FIGURE 4-9:
OPTION REGISTER
U-0
U-0
W-1
W-1
W-1
W-1
W-1
W-1
—
—
T0CS
T0SE
PSA
PS2
PS1
PS0
W = Writable bit
U
= Unimplemented bit
- n = Value at POR reset
bit7
6
5
4
3
2
1
bit0
bit 7-6:
Unimplemented.
bit 5:
T0CS: Timer0 clock source select bit
1 = Transition on T0CKI pin
0 = Internal instruction cycle clock (CLKOUT)
bit 4:
T0SE: Timer0 source edge select bit
1 = Increment on high-to-low transition on T0CKI pin
0 = Increment on low-to-high transition on T0CKI pin
bit 3:
PSA: Prescaler assignment bit
1 = Prescaler assigned to the WDT (not implemented on PIC16C52)
0 = Prescaler assigned to Timer0
bit 2-0:
PS2:PS0: Prescaler rate select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
Timer0 Rate
WDT Rate (not implemented on PIC16C52)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com