Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SS Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16LF870/SS
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SS Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16LF870/SS Datasheet HTML 45Page - Microchip Technology PIC16LF870/SS Datasheet HTML 46Page - Microchip Technology PIC16LF870/SS Datasheet HTML 47Page - Microchip Technology PIC16LF870/SS Datasheet HTML 48Page - Microchip Technology PIC16LF870/SS Datasheet HTML 49Page - Microchip Technology PIC16LF870/SS Datasheet HTML 50Page - Microchip Technology PIC16LF870/SS Datasheet HTML 51Page - Microchip Technology PIC16LF870/SS Datasheet HTML 52Page - Microchip Technology PIC16LF870/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 49
PIC16F870/871
TABLE 5-1:
REGISTERS ASSOCIATED WITH TIMER0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
01h,101h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
81h,181h
OPTION_REG RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com