Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050_334 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_334
Description  PCB Mount Dual Transceiver Evaluation Board Manual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_334 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_334 Datasheet HTML 1Page - Glenair, Inc. 050_334 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 2
E-mail: sales@glenair.com
050-334 Rev 14.0
Board Photo
What is included with the Evaluation board
The 050-334-MMF-EVALBOARD kit includes the following:
• Evaluation board PCBA 990-05076
• 4 fiber optic cables (P/N: FA03096, 1-2m, 50 µm/125 µm, ARINC 801 connector to LC connector)
• Gap Pad 0.040” thick, Glenair P/N : 990-051-003-040, Laird Technologies, Tflex 700 Series
Thermal Gap Filler, Laird P/N: A15896-04
• Gap Pad 0.050” thick, Glenair P/N : 990-051-003-050, Laird Technologies, Tflex 700 Series
Thermal Gap Filler, Laird P/N: A15896-05
050-334-MMF-EVALBOARD
USED TO TEST:
050-333 (850nm VCSEL MMF Dual-XCVR, 0.1-5 Gbps)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com