Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/PQ Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16LF870/PQ
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/PQ Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16LF870/PQ Datasheet HTML 53Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 54Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 55Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 56Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 57Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 58Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 59Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 60Page - Microchip Technology PIC16LF870/PQ Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A -page 57
PIC16F870/871
8.0
CAPTURE/COMPARE/PWM
MODULE
The Capture/Compare/PWM (CCP) module contains a
16-bit register which can operate as a:
• 16-bit Capture register
• 16-bit Compare register
• PWM master/slave Duty Cycle register
Table 8-1 shows the resources used by the CCP mod-
ule. In the following sections, the operation of a CCP
module is described.
CCP1 Module:
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. The special event trigger is gen-
erated by a compare match and will reset Timer1 and
start an A/D conversion (if the A/D module is enabled).
Additional information on CCP modules is available in
the PICmicro™ Mid-Range MCU Family Reference
Manual (DS33023) and in Application Note 594, “Using
the CCP Modules” (DS00594).
TABLE 8-1:
CCP MODE - TIMER
RESOURCES REQUIRED
REGISTER 8-1:
CCP1CON REGISTER (ADDRESS: 17h)
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
R =Readable bit
W =Writable bit
U =Unimplemented bit, read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as ’0’
bit 5-4: CCP1<X:Y>: PWM Least Significant bits
Capture Mode: Unused
Compare Mode: Unused
PWM Mode: These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR1L.
bit 3-0: CCP1M<3:0>: CCPx Mode Select bits
0000
= Capture/Compare/PWM off (resets CCP module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit is set)
1001
= Compare mode, clear output on match (CCP1IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set, CCP pin is unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set, CCP1 pin is unaffected); CCP1 resets
TMR1 and starts an A/D conversion (if A/D module is enabled)
11xx
= PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com