Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC54AT-04E/SS Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16LC54AT-04E/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC54AT-04E/SS Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16LC54AT-04E/SS Datasheet HTML 83Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 84Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 85Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 86Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 87Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 88Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 89Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 90Page - Microchip Technology PIC16LC54AT-04E/SS Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 87
PIC16C54/55/56/57
PIC16C5X
FIGURE 12-17: TRANSCONDUCTANCE (gm)
OF LP OSCILLATOR vs. VDD
FIGURE 12-18: IOH vs. VOH, VDD = 3 V
45
40
35
30
25
20
15
10
5
0
23456
7
VDD (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
0
–5
–10
–15
–20
–25
0
0.5
1.0
1.5
2.0
2.5
VOH (Volts)
Min +85
°C
3.0
Typ +25
°C
Max –40
°C
FIGURE 12-19: TRANSCONDUCTANCE (gm)
OF XT OSCILLATOR vs. VDD
FIGURE 12-20: IOH vs. VOH, VDD = 5 V
2500
2000
1500
1000
500
0
23456
7
VDD (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
0
–10
–20
–30
–40
1.5 2.0 2.5 3.0
3.5 4.0
VOH (Volts)
Min +85
°C
Max –40
°C
4.5 5.0
Typ +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com