Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSW150 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MSW150
Description  Resonant switchers, power factor correction and main converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MSW150 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MSW150 Datasheet HTML 1Page - RUBYCON CORPORATION MSW150 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSW150
*Resonant switchers, power factor correction and main converter
*Power factor correction up to 0.99, meeting IEC61000
-3-2(EN61000-3-2)
*85 to 264VAC universal input
*High efficiency up to 90%
*Low EMI, meeting FCC B, CISPR B
*Less then 0.3mA leakage
*Thin type below 1U
UL2601-1 Recognized
CSA22.2 No.601.1 Certified (cUL)
EN60601-1 (NEMKO Certified)
CE mark (LVD only)
*Madical equipment
* Safety systems
*Dental systems
*Control equipment
*Microprocessor systems
*Monitoring equipment
*Peak Loads (for Motor Drive, Lamp) *6
MSW150 SPECIFICATIONS
ITEM
MSW150-12
MSW150-15
MSW150-24
MSW150-36
1
Rated output DC voltage
12 V
15V
24 V
36V
2
Rated output DC current (Peak *6)
12.5 A (25A)
10.0A(20.0A)
6.3 A (12.5A)
4.2 A (8.3A)
3
Maximum output power (Peak *6)
150.0W(300.0W)
150.0W(300.0W)
151.2W(300.0W)
151.2W(298.8W)
4
Adjustable voltage range
*1
11.7 ~ 12.6V
14.7 ~ 15.8V
23.5 ~ 25.2V
35.3 ~ 37.7V
5
Efficiency (120/230VAC, TYP)
*1
85% / 86%
86% / 87%
87% / 88%
88% / 89%
6
Maximum ripple noise
80mVpp
100mVpp
150mVpp
200mVpp
7
Over current protection
*3
25.5A ~
20.5A ~
13A ~
8.5A ~
8
Over voltage protection
*4
13.8V ~
17.3V ~
27.6V ~
40V ~
9
Input voltage range
85V ~ 264V
10
Input frequency range
47Hz ~ 63Hz
11
Input current
*1
1.7A (100VAC), 0.8A(230VAC)
12
Power factor
*1
0.99TYP (100VAC), 0.95TYP (230VAC)
13
Inrush current
*2
20Apk MAX (120VAC), 40Apk MAX (240VAC)
14
Hold-up time
*5
20msMIN
Notes
*1 When maximum output is worked
*2 When cold start works with rated voltage at 25ºC ambient temperature
*3 Recovers automatically
*4 Recovers on input again
*5 When maximum output is worked, after last AC line peak
*6 (Peak) : Peak Loads for 10 seconds or less are acceptable. Input voltage range AC120V~AC264V only.
Specifications subject to change without notice.(2004.9)


Similar Part No. - MSW150

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MSW1 ALTECH-MSW1 Datasheet
774Kb / 8P
MS016
MSW1.6 ALTECH-MSW1.6 Datasheet
774Kb / 8P
MS016
MSW10 ALTECH-MSW10 Datasheet
774Kb / 8P
MS016
logo
Bruckewell Technology L...
MSW10N80 BWTECH-MSW10N80 Datasheet
440Kb / 4P
800V N-Channel MOSFET
MSW11N90 BWTECH-MSW11N90 Datasheet
725Kb / 6P
900V N-Channel MOSFET
More results

Similar Description - MSW150

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
RUBYCON CORPORATION
3R2002GSW75 RUBYCON-3R2002GSW75 Datasheet
105Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002GSW100 RUBYCON-3R2002GSW100 Datasheet
115Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002GSW150 RUBYCON-3R2002GSW150 Datasheet
118Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RDW RUBYCON-3R2002RDW Datasheet
891Kb / 3P
Resonant switchers, power factor correction and main converter
3R2002RSW RUBYCON-3R2002RSW Datasheet
206Kb / 5P
Resonant switchers, power factor correction and main converter
3R2002RSW75F RUBYCON-3R2002RSW75F Datasheet
96Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RSW100F RUBYCON-3R2002RSW100F Datasheet
89Kb / 2P
Resonant switchers, power factor correction and main converter
3R2002RTW RUBYCON-3R2002RTW Datasheet
198Kb / 4P
Resonant switchers, power factor correction and main converter
GSW200 RUBYCON-GSW200 Datasheet
124Kb / 2P
Resonant switchers, power factor correction and main converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com