Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC126333ECT Datasheet(PDF) 7 Page - Microchip Technology

Part # TC126333ECT
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC126333ECT Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC126333ECT Datasheet HTML 3Page - Microchip Technology TC126333ECT Datasheet HTML 4Page - Microchip Technology TC126333ECT Datasheet HTML 5Page - Microchip Technology TC126333ECT Datasheet HTML 6Page - Microchip Technology TC126333ECT Datasheet HTML 7Page - Microchip Technology TC126333ECT Datasheet HTML 8Page - Microchip Technology TC126333ECT Datasheet HTML 9Page - Microchip Technology TC126333ECT Datasheet HTML 10Page - Microchip Technology TC126333ECT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21372B-page 7
TC125/TC126
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Symbol
(100kHz)
Voltage
11
22
33
44
55
66
77
1
represents product classification; TC125 = L
TC126 = N
2
represents first integer of voltage
Symbol
(100kHz)
Voltage
0.0
1.1
2.2
3.3
4.4
5.5
6.6
7.7
8.8
9.9
3
represents first decimal of voltage
4
represents production lot ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com