Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1270
Description  4-Pin 關P Reset Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 3 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21381B-page 3
TC1270/TC1271
TC1270/TC1271 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VCC = 5V for L/M versions, VCC =3.3V for T/S versions, VCC = 3V for R version, VCC =2.0V for F
version. TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = +25°C. (Note 1).
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VOH
RESET Output Voltage High
(TC1271)
0.8 VCC
——
V
ISOURCE =150µA;
VCC ≤ VTH(MIN)
VOL
RESET Output Voltage Low
(TC1271)
—
—
—
—
—
—
0.2
0.3
0.4
V
TC1271F only,
ISINK =500µA,
VCC =VTH(MAX)
TC1271R/S/T only,
ISINK =1.2mA,VCC =VTH(MAX)
TC1271L/M only, ISINK =3.2mA,
VCC =VTH(MAX)
VOL
RESET Output Voltage Low
(TC1270)
—
—
—
—
—
—
0.3
0.4
TBD
V
TC1270R/S/T only,
ISINK =1.2mA,VCC =VTH(MIN)
TC1270F only:
ISINK =500µA, VCC =VTH(MIN)
TC1270L/M only,
ISINK =3.2mA,VCC =VTH(MIN)
ISINK =50µA, VCC >1.0V
VOH
RESET Output Voltage High
(TC1270)
VCC –1.5
0.8 VCC
—
—
—
—
V
TC1270L/M only,
ISOURCE =800µA,
VCC =VTH(MAX)
TC1270R/S/T/F only,
ISOURCE =500µA,
VCC =VTH(MAX)
Note
1:
Production testing done at TA = +25°C, over temperature limits ensured by design.
2:
RESET output for TC1270, RESET output for TC1271.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com