Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1305 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology TC1305 Datasheet HTML 10Page - Microchip Technology TC1305 Datasheet HTML 11Page - Microchip Technology TC1305 Datasheet HTML 12Page - Microchip Technology TC1305 Datasheet HTML 13Page - Microchip Technology TC1305 Datasheet HTML 14Page - Microchip Technology TC1305 Datasheet HTML 15Page - Microchip Technology TC1305 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC1305
DS21526A-page 12
© 2002 Microchip Technology Inc.
6.0
TYPICAL CHARACTERISTICS (CONTINUED)
Thermal Shutdown Response
VOUT
VIN = 6.0V
VOUT = 2.5V
CIN = 1µF
COUT = 1µF
CBYPASS = 470pF
Time (500ms / div)
Thermal Shutdown Response
VOUT
VIN = 6.0V
VOUT = 3.0V
CIN = 1µF
COUT = 1µF
CBYPASS = 470pF
Time (500ms / div)
Thermal Shutdown Response
VOUT
VIN = 6.0V
VOUT = 2.8V
CIN = 1µF
COUT = 1µF
CBYPASS = 470pF
Time (500ms / div)
3.0V
3.0V
Shutdown Response
VOUT2
VOUT1
COUT1 = COUT2 = 1µF Tantalum
VIN = 5.5V
RLOAD = 30kΩ
/Shdn1 = /Shdn2
Time (10ms / div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com